Electronic Components Datasheet Search
  English  ▼

X  

AD9699 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9699
Description  14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9699 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9699 Datasheet HTML 3Page - Analog Devices AD9699 Datasheet HTML 4Page - Analog Devices AD9699 Datasheet HTML 5Page - Analog Devices AD9699 Datasheet HTML 6Page - Analog Devices AD9699 Datasheet HTML 7Page - Analog Devices AD9699 Datasheet HTML 8Page - Analog Devices AD9699 Datasheet HTML 9Page - Analog Devices AD9699 Datasheet HTML 10Page - Analog Devices AD9699 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 121 page
background image
Data Sheet
AD9699
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 121
DIGITAL SPECIFICATIONS
AVDD1 = 0.975 V, AVDD1_SR = 0.975 V, AVDD2 = 1.9 V, AVDD3 = 2.5 V, DVDD = 0.975 V, DRVDD1 = 0.975 V, DRVDD2 = 1.9 V, SPIVDD
= 1.9 V, specified maximum sampling rate, 1.54 V p-p full-scale differential input, AIN = −2.0 dBFS, L = 4, M = 1, F = 1, and −20°C ≤ TJ ≤
+100°C, unless otherwise noted. The TJ range of −20°C to +100°C translates to a TA range of −40°C to+85°C. Typical specifications represent
performance at TJ = 40°C (TA = 25°C).
Table 3.
Parameter
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
Low voltage differential signaling (LVDS)/low voltage positive emitter-
coupled logic (LVPECL)
Differential Input Voltage
300
800
1800
mV p-p
Input Common-Mode Voltage
0.675
V
Input Resistance (Differential)
106
Ω
Input Capacitance
0.9
pF
Differential Input Return Loss at 3 GHz1
−9.4
dB
SYSTEM REFERENCE (SYSREF) INPUTS (SYSREF+, SYSREF−)
Logic Compliance
LVDS/LVPECL
Differential Input Voltage
400
800
1800
mV p-p
Input Common-Mode Voltage
0.675
2.0
V
Input Resistance (Differential)
18
kΩ
Input Capacitance (Differential)
1
pF
LOGIC INPUTS (SDIO, SCLK, CSB, PDWN/STBY, FD/GPIO_A0, GPIO_B0,
GPIO_A1, GPIO_B1)
Logic Compliance
CMOS
Logic 1 Voltage
0.65 × SPIVDD
V
Logic 0 Voltage
0
0.35 × SPIVDD
V
Input Resistance
30
kΩ
LOGIC OUTPUTS (SDIO, FD)
Logic Compliance
CMOS
Logic 1 Voltage (Output High Current (IOH) = 4 mA)
SPIVDD − 0.45V
V
Logic 0 Voltage (Output Low Current (IOL) = 4 mA)
0
0.45
V
SYNCIN INPUT (SYNCINB+/SYNCINB−)
Logic Compliance
LVDS/LVPECL
Differential Input Voltage
400
800
1800
mV p-p
Input Common-Mode Voltage
0.675
2.0
V
Input Resistance (Differential)
18
kΩ
Input Capacitance
1
pF
SYNCINB+ INPUT
Logic Compliance
CMOS
Logic 1 Voltage
0.9 × DRVDD1
2 × DRVDD1
V
Logic 0 Voltage
0.1 × DRVDD1
V
Input Resistance
2.6
kΩ
DIGITAL OUTPUTS (SERDOUTx±, x = 0 TO 7)
Logic Compliance
Source series terminated (SST)
Differential Output Voltage
360
560
770
mV p-p
Differential Termination Impedance
80
100
120
Ω
1 Reference impedance = 100 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com