Electronic Components Datasheet Search
  English  ▼

X  

ADF7024 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF7024
Description  Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7024 Datasheet(HTML) 4 Page - Analog Devices

  ADF7024 Datasheet HTML 1Page - Analog Devices ADF7024 Datasheet HTML 2Page - Analog Devices ADF7024 Datasheet HTML 3Page - Analog Devices ADF7024 Datasheet HTML 4Page - Analog Devices ADF7024 Datasheet HTML 5Page - Analog Devices ADF7024 Datasheet HTML 6Page - Analog Devices ADF7024 Datasheet HTML 7Page - Analog Devices ADF7024 Datasheet HTML 8Page - Analog Devices ADF7024 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADF7024
Data Sheet
Rev. B | Page 4 of 24
SPECIFICATIONS
VDD = VDDBAT1 = VDDBAT2 = 2.2 V to 3.6 V, GND = 0 V, TA = TMIN to TMAX, unless otherwise noted. Typical specifications are at
VDD = 3 V, TA = 25°C.
RF AND SYNTHESIZER SPECIFICATIONS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RF CHARACTERISTICS
Frequency Ranges
862
928
MHz
All radio profiles
431
435
MHz
Radio Profile B only
PHASE-LOCKED LOOP (PLL)
Channel Frequency Resolution
396.7
Hz
Phase Noise (In-Band)
−88
dBc/Hz
10 kHz offset, PA output power = 10 dBm, RF = 868 MHz
Phase Noise at Offset
1 MHz
−126
dBc/Hz
PA output power = 10 dBm, RF = 868 MHz
2 MHz
−131
dBc/Hz
PA output power = 10 dBm, RF = 868 MHz
10 MHz
−142
dBc/Hz
PA output power = 10 dBm, RF = 868 MHz
VCO Calibration Time
142
μs
Synthesizer Settling Time
56
μs
Frequency synthesizer settles to within ±5 ppm of the
target frequency within this time following the VCO
calibration in transmit and receive
CRYSTAL OSCILLATOR
Crystal Frequency
26
MHz
Parallel load resonant crystal
Recommended Load Capacitance
7
18
pF
Maximum Crystal ESR
1800
Ω
26 MHz crystal with 18 pF load capacitance
Pin Capacitance
2.1
pF
Capacitance for XOSC26P and XOSC26N
Start-Up Time
310
μs
26 MHz crystal with 7 pF load capacitance
388
μs
26 MHz crystal with 18 pF load capacitance
SPURIOUS EMISSIONS
Integer Boundary Spurious
910.1 MHz
−39
dBc
Radio Profile A, integer boundary spur at 910 MHz (26 MHz ×
35), inside synthesizer loop bandwidth
911.0 MHz
−79
dBc
Radio Profile A, integer boundary spur at 910 MHz (26 MHz ×
35), outside synthesizer loop bandwidth
Reference Spurious
868 MHz/915 MHz
−80
dBc
Radio Profile A
Clock Related Spur Level
−60
dBc
Measured in a span of ±350 MHz, RF = 868.95 MHz, PA output
power = 10 dBm, VDD = 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com