Electronic Components Datasheet Search
  English  ▼

X  

ADF7024 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF7024
Description  Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7024 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF7024 Datasheet HTML 16Page - Analog Devices ADF7024 Datasheet HTML 17Page - Analog Devices ADF7024 Datasheet HTML 18Page - Analog Devices ADF7024 Datasheet HTML 19Page - Analog Devices ADF7024 Datasheet HTML 20Page - Analog Devices ADF7024 Datasheet HTML 21Page - Analog Devices ADF7024 Datasheet HTML 22Page - Analog Devices ADF7024 Datasheet HTML 23Page - Analog Devices ADF7024 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADF7024
Data Sheet
Crystal Oscillator
A 26 MHz crystal oscillator operating in parallel mode must be
connected between the XOSC26P and XOSC26N pins to provide
a reference for the ADF7024. Two parallel loading capacitors
are required for oscillation at the correct frequency. Their values
are dependent upon the crystal specification.
Transmitter
The ADF7024 supports binary frequency shift keying (FSK) and
binary level Gaussian filtered FSK (GFSK) modulation. For GFSK
modulation, the Gaussian filter uses a fixed BT of 0.5.
The ADF7024 PA has a single-ended output that can deliver up
to 13.5 dBm of output power. The output power can be set with
a typical resolution of 0.5 dB. The PA has built-in up and down
ramping, which reduces spectral splatter.
Receiver
The ADF7024 is based on a fully integrated, low IF receiver
architecture. The differential LNA is followed by a quadrature
downconversion mixer that converts the RF signal to the IF
frequency of 200 kHz (for IF filter bandwidths of 100 kHz and
200 kHz) or 300 kHz (for IF filter bandwidths of 300 kHz). The
IF filter bandwidth is configured to 100 kHz, 200 kHz, or 300 kHz,
depending on the radio profile selected. The bandwidth and center
frequency of the IF filter are calibrated automatically.
The IF filter gives excellent interference suppression of adjacent
and neighboring channels while also suppressing the image
channel. The ADF7024 is capable of providing improved
receiver image rejection performance by the use of a fully
integrated image rejection calibration system.
A correlator demodulator is used for demodulation. An
oversampled digital clock and data recovery (CDR) PLL is used
to resynchronize the received bit stream to a local clock.
RADIO PROFILES
The ADF7024 radio profiles provide a set of optimized register
settings for the ADF7024 radio. There are six radio profiles in
total, as shown in Table 1. The profiles cover common data rates
and modulation options. For further information on the ADF7024
radio profiles, see the ADF7024 Hardware Reference Manual,
UG-698, which is only available as part of the ADF7024 design
resource package.
PACKET MANAGEMENT
The ADF7024 includes comprehensive transmit and receive
packet management capabilities and can be configured for use
with a wide variety of packet-based radio protocols. There are
240 bytes of dedicated packet RAM available to store, transmit,
and receive packets. In transmit mode, a preamble, sync word,
and CRC can be added by the ADF7024 to the payload data
stored in the packet RAM. In addition, all packet data after the
sync word can be optionally whitened, Manchester encoded, or 8-
bit/10-bit encoded on transmission and decoded on reception.
In receive mode, the ADF7024 can qualify received packets
based on preamble detection, sync word detection, or CRC
validation and generate an interrupt on the IRQ_GP3 pin. On
reception of a valid packet, the received payload data is loaded to
packet RAM memory.
SMART WAKE MODES
The ADF7024 can be configured to operate in a broad range of
energy sensitive applications where battery lifetime is critical.
This includes support for applications where the ADF7024 is
required to operate in a fully autonomous mode or applications
where the host processor controls the transceiver during low power
mode operation. These low power modes are implemented using a
hardware WUC, a firmware timer, and the SWM functionality.
The combination of the low power WUC, the firmware timer,
and the SWM allows the ADF7024 to wake up autonomously
from sleep without intervention from the host processor. This
functionality allows carrier sense, packet sniffing, and packet
reception while the host processor is in sleep, thereby dramatically
reducing overall system current consumption. The SWM can
then wake the host processor on an interrupt condition.
Rev. B | Page 22 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com