Electronic Components Datasheet Search
  English  ▼

X  

ADF7024 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF7024
Description  Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7024 Datasheet(HTML) 3 Page - Analog Devices

  ADF7024 Datasheet HTML 1Page - Analog Devices ADF7024 Datasheet HTML 2Page - Analog Devices ADF7024 Datasheet HTML 3Page - Analog Devices ADF7024 Datasheet HTML 4Page - Analog Devices ADF7024 Datasheet HTML 5Page - Analog Devices ADF7024 Datasheet HTML 6Page - Analog Devices ADF7024 Datasheet HTML 7Page - Analog Devices ADF7024 Datasheet HTML 8Page - Analog Devices ADF7024 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADF7024
Rev. B | Page 3 of 24
GENERAL DESCRIPTION
The ADF7024 is an ultralow power, integrated transceiver for
use in the license-free ISM bands at 433 MHz, 868 MHz, and
915 MHz. Its ease of use and high performance make it suitable
for a wide variety of wireless applications. The ADF7024 is
suitable for operation under the European ETSI EN 300-220
regulation, the North American FCC Part 15 regulation, and
other similar regulatory standards.
The ADF7024 can operate under a number of predefined radio
profiles. For each radio profile, optimized register settings are
provided for the ADF7024 radio. This ensures that the RF
communication layer works seamlessly, allowing the user to
concentrate on the protocol and system level design and
prototyping. The radio profiles cover common data rate and
modulation options. There are six radio profiles in total, as
shown in Table 1.
The ADF7024 operates with a power supply range of 2.2 V to
3.6 V and has very low power consumption in both Tx and Rx
modes, enabling long lifetimes in battery-operated systems while
maintaining excellent RF performance.
The low IF receiver minimizes power consumption and provides
excellent sensitivity. The receiver is exceptionally linear and,
therefore, is very resilient to the presence of interferers in spectrally
noisy environments. The highly efficient transmitter has
programmable output power up to 13.5 dBm and automatic
power amplifier (PA) ramping to meet transient spurious
specifications. The RF synthesizer comprises a voltage controlled
oscillator (VCO), a low noise fractional-N phase-locked loop
(PLL) and a loop filter, all of which are fully integrated and
automatically calibrated. This agile frequency synthesizer
facilitates the implementation of frequency-hopping spread
spectrum (FHSS) systems.
The smart wake mode (SWM) allows the ADF7024 to wake up
autonomously from sleep using the internal wake-up timer without
intervention from the host processor. This functionality allows
carrier sense, packet sniffing, and packet reception while the host
processor is in sleep, thereby reducing overall system current
consumption.
The ADF7024 eases the processing burden of the host processor
by integrating the lower layers of a typical communication protocol
stack. The host processor can configure the ADF7024 using a
simple command-based protocol over a standard 4-wire SPI
interface. A single-byte command transitions the radio between
states or performs a radio function.
A complete wireless solution can be built using a small number
of external discrete components and a host processor (typically
a microcontroller).
For more information, see the ADF7024 Hardware Reference
Manual, UG-698, which is only available as part of the ADF7024
design resource package.
Table 1. Radio Profiles
Radio
Profile
Data Rate
(kbps)
Modulation
Frequency Deviation
(kHz)
IF Bandwidth
(kHz)
Typical Channel
Spacing (kHz)
RF Range (MHz)
A
9.6
FSK/GFSK
9.6
100
200
862 to 928
B
38.4
FSK/GFSK
20
100
200
431 to 435, 862 to 928
C
50
FSK/GFSK
25
100
200
862 to 928
D
100
FSK/GFSK
25
100
200
862 to 928
E
200
FSK/GFSK
50
200
400
862 to 928
F
300
FSK/GFSK
75
300
600
862 to 928



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com