Electronic Components Datasheet Search
  English  ▼

X  

ADF7024 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF7024
Description  Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7024 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF7024 Datasheet HTML 7Page - Analog Devices ADF7024 Datasheet HTML 8Page - Analog Devices ADF7024 Datasheet HTML 9Page - Analog Devices ADF7024 Datasheet HTML 10Page - Analog Devices ADF7024 Datasheet HTML 11Page - Analog Devices ADF7024 Datasheet HTML 12Page - Analog Devices ADF7024 Datasheet HTML 13Page - Analog Devices ADF7024 Datasheet HTML 14Page - Analog Devices ADF7024 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADF7024
TIMING SPECIFICATIONS
VDD = VDDBAT1 = VDDBAT2 = 2.2 V to 3.6 V, VGND = GND = 0 V, TA = TMIN to TMAX, unless otherwise noted.
Table 8. SPI Interface Timing
Parameter
Limit
Unit
Test Conditions/Comments
t2
85
ns min
CS low to SCLK setup time
t3
85
ns min
SCLK high time
t4
85
ns min
SCLK low time
t5
170
ns min
SCLK period
t6
10
ns max
SCLK falling edge to MISO delay
t7
5
ns min
MOSI to SCLK rising edge setup time
t8
5
ns min
MOSI to SCLK rising edge hold time
t9
85
ns min
SCLK falling edge to CS hold time
t11
270
ns min
CS high time
t12
310
µs typ
CS low to MISO high wake-up time, 26 MHz crystal with 7 pF load capacitance, TA = 25°C
t13
20
ns max
SCLK rise time
t14
20
ns max
SCLK fall time
t15
25
µs max
Initialization time; do not issue a command during this time; alternatively, poll the status
word and wait for the CMD_READY bit to go high
Timing Diagrams
Figure 2. SPI Interface Timing
Figure 3. PHY_SLEEP to SPI Ready State Timing (SPI Ready t12 After the Falling Edge of CS)
t11
t9
t4
t5
t13
t3
t2
t14
t6
t8
t7
CS
SCLK
MISO
MOSI
7
7
6
5
4
3
2
1
0
7
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
BIT 7
BIT 0
X
BIT 7
SPI STATE
CS
SCLK
MISO
SLEEP
WAKE UP
SPI READY
X
0
1
2
3
4
5
t9
6
7
t6
t12
t15
Rev. B | Page 11 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com