Electronic Components Datasheet Search
  English  ▼

X  

ADF7024 Datasheet(PDF) 12 Page - Analog Devices

Part # ADF7024
Description  Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7024 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF7024 Datasheet HTML 8Page - Analog Devices ADF7024 Datasheet HTML 9Page - Analog Devices ADF7024 Datasheet HTML 10Page - Analog Devices ADF7024 Datasheet HTML 11Page - Analog Devices ADF7024 Datasheet HTML 12Page - Analog Devices ADF7024 Datasheet HTML 13Page - Analog Devices ADF7024 Datasheet HTML 14Page - Analog Devices ADF7024 Datasheet HTML 15Page - Analog Devices ADF7024 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADF7024
Data Sheet
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 9.
Parameter
Rating
VDDBAT1, VDDBAT2 to GND
−0.3 V to +3.96 V
Operating Temperature Range
Industrial
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
150°C
LFCSP θJA Thermal Impedance
26°C/W
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Connect the exposed pad of the LFCSP to ground.
This device is a high performance, RF integrated circuit with an
ESD rating of <2 kV; it is ESD sensitive. Take proper precautions
for handling and assembly.
ESD CAUTION
Rev. B | Page 12 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com