Electronic Components Datasheet Search
  English  ▼

X  

ADF7024 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF7024
Description  Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7024 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF7024 Datasheet HTML 4Page - Analog Devices ADF7024 Datasheet HTML 5Page - Analog Devices ADF7024 Datasheet HTML 6Page - Analog Devices ADF7024 Datasheet HTML 7Page - Analog Devices ADF7024 Datasheet HTML 8Page - Analog Devices ADF7024 Datasheet HTML 9Page - Analog Devices ADF7024 Datasheet HTML 10Page - Analog Devices ADF7024 Datasheet HTML 11Page - Analog Devices ADF7024 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADF7024
Data Sheet
TIMING AND DIGITAL SPECIFICATIONS
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Rx AND Tx TIMING PARAMETERS
PHY_ON to PHY_RX (on
CMD_PHY_RX)
300
μs
Includes VCO calibration and synthesizer settling
PHY_ON to PHY_TX (on
CMD_PHY_TX)
296
μs
Includes VCO calibration and synthesizer settling, does
not include PA ramp-up
LOGIC INPUTS
Input Voltage
High
VINH
0.7 × VDD
V
Low
VINL
0.2 × VDD
V
Input Current
IINH/IINL
±1
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
Output Voltage
High
VOH
VDD − 0.4
V
IOH = 500 µA
Low
VOL
0.4
V
IOL = 500 µA
GPx Rise/Fall
5
ns
GPx Load
10
pF
Maximum Output Current
5
mA
ATB OUTPUTS
Used for external PA and LNA control
ADCIN_ATB3 and ATB4
Output High Voltage, VOH
1.8
V
Output Low Voltage, VOL
0.1
V
Maximum Output Current
0.5
mA
GP5_ATB1 and ATB2
Output High Voltage, VOH
VDD
V
Output Low Voltage, VOL
0.1
V
Maximum Output Current
5
mA
Rev. B | Page 8 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com