Electronic Components Datasheet Search
  English  ▼

X  

ADF7024 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF7024
Description  Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7024 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF7024 Datasheet HTML 3Page - Analog Devices ADF7024 Datasheet HTML 4Page - Analog Devices ADF7024 Datasheet HTML 5Page - Analog Devices ADF7024 Datasheet HTML 6Page - Analog Devices ADF7024 Datasheet HTML 7Page - Analog Devices ADF7024 Datasheet HTML 8Page - Analog Devices ADF7024 Datasheet HTML 9Page - Analog Devices ADF7024 Datasheet HTML 10Page - Analog Devices ADF7024 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADF7024
Rev. B | Page 7 of 24
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
BLOCKING
Desired signal 3 dB above the input sensitivity level
(BER = 10−3), carrier wave interferer, power level increased
until BER = 10−3, Radio Profile B
RF = 433 MHz
±2 MHz
68
dB
±10 MHz
76
dB
RF = 868 MHz
±2 MHz
66
dB
±10 MHz
74
dB
RF = 915 MHz
±2 MHz
66
dB
±10 MHz
74
dB
BLOCKING, ETSI EN 300 220
Measurement procedure as per ETSI EN 300-220-1 V2.3.1;
desired signal 3 dB above the ETSI EN 300-220 reference
sensitivity level of −99 dBm, Radio Profile B, unmodulated
interferer
±2 MHz
−28
dBm
±10 MHz
−20.5
dBm
WIDEBAND INTERFERENCE REJECTION
75
dB
RF = 868 MHz, swept from 10 MHz to 100 MHz either
side of the RF
IMAGE CHANNEL ATTENUATION
Measured as image attenuation at the IF filter output,
carrier wave interferer at 400 kHz below the channel
frequency, 100 kHz IF filter bandwidth
868 MHz, 915 MHz
36/45
dB
Uncalibrated/calibrated
433 MHz
40/54
dB
Uncalibrated/calibrated
AFC
Accuracy
1
kHz
RSSI
Range at Input
−97 to −26
dBm
Linearity
±2
dB
Absolute Accuracy
±3
dB
MAXIMUM RF INPUT LEVEL
12
dBm
LNA INPUT IMPEDANCE, DIFFERENTIAL
Receive Mode
fRF = 915 MHz
75.9 − j32.3
Ω
fRF = 868 MHz
78.0 − j32.4
Ω
fRF = 433 MHz
95.5 − j23.9
Ω
Transmit Mode
fRF = 915 MHz
7.6 + j9.2
Ω
fRF = 868 MHz
7.7 + j8.6
Ω
fRF = 433 MHz
7.9 + j4.6
Ω
RX SPURIOUS EMISSIONS4
Maximum < 1 GHz
−66
dBm
At antenna input, unfiltered conductive
Maximum > 1 GHz
−62
dBm
At antenna input, unfiltered conductive
1 Sensitivity measured with FSK modulation.
2 Sensitivity for combined Tx/Rx matching network case is typically 1 dB less than separate Tx/Rx matching networks.
3 Sensitivity measured with FSK modulation and AFC disabled.
4 Follow the matching and layout guidelines to achieve the relevant FCC/ETSI specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com