Electronic Components Datasheet Search
  English  ▼

X  

ADF7024 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF7024
Description  Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7024 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF7024 Datasheet HTML 12Page - Analog Devices ADF7024 Datasheet HTML 13Page - Analog Devices ADF7024 Datasheet HTML 14Page - Analog Devices ADF7024 Datasheet HTML 15Page - Analog Devices ADF7024 Datasheet HTML 16Page - Analog Devices ADF7024 Datasheet HTML 17Page - Analog Devices ADF7024 Datasheet HTML 18Page - Analog Devices ADF7024 Datasheet HTML 19Page - Analog Devices ADF7024 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADF7024
Data Sheet
Rev. B | Page 16 of 24
Figure 11. Transmit Spectrum at 868 MHz, FSK, Radio Profile B, (Minimum
Recommended VDD = 2.2 V, 1.8 V Operation Shown for Robustness)
Figure 12. Transmit Spectrum at 868 MHz, GFSK, Radio Profile B, (Minimum
Recommended VDD = 2.2 V, 1.8 V Operation Shown for Robustness)
Figure 13. Transmit Spectrum at 928 MHz, GFSK, Radio Profile F, (Minimum
Recommended VDD = 2.2 V, 1.8 V Operation Shown for Robustness)
Figure 14. LNA/Mixer 1 dB Compression Point, VDD = 3.0 V, Temperature =
25°C, RF = 915 MHz, LNA Gain = Low, Mixer Gain = Low
Figure 15. LNA/Mixer 1 dB Compression Point, VDD = 3.0 V, Temperature =
25°C, RF = 915 MHz, LNA Gain = High, Mixer Gain = High
Figure 16. LNA/Mixer IIP3, VDD = 3.0 V, Temperature = 25°C, RF = 915 MHz,
LNA Gain = Low, Mixer Gain = Low, Source 1 Frequency =
915 MHz + 0.4 MHz, Source 2 Frequency = 915 MHz + 0.7 MHz
–60
–50
–40
–30
–20
–10
0
10
–250 –200 –150 –100 –50
0
50
100
150
200
250
FREQUENCY OFFSET (kHz)
3.6V, –40°C
1.8V, –40°C
3.6V, +85°C
1.8V, +85°C
–60
–50
–40
–30
–20
–10
0
10
–250 –200 –150 –100 –50
0
50
100
150
200
250
FREQUENCY OFFSET (kHz)
3.6V, –40°C
1.8V, –40°C
3.6V, +85°C
1.8V, +85°C
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
FREQUENCY OFFSET (kHz)
3.6V, +25°C
1.8V, +85°C
3.6V, –40°C
1.8V, –40°C
3.6V, +85°C
1.8V, +25°C
–40
–35
–30
–25
–20
–15
–10
–5
0
5
–40
–35
–30
–25
–20
–15
LNA INPUT POWER (dBm)
OUTPUT POWER (FUNDAMENTAL)
OUTPUT POWER IDEAL
P1dB
P1dB = –21dBm
OUTPUT POWER (FUNDAMENTAL)
OUTPUT POWER IDEAL
P1dB
–10
–5
0
5
10
15
20
–40
–35
–30
–25
–20
–15
LNA INPUT POWER (dBm)
P1dB = –21.9dBm
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
–50
–45
–40
–35
–30
–25
–20
–15
–10
LNA INPUT POWER (dBm)
FUNDAMENTAL TONE
IM3 TONE
FUNDAMENTAL 1/1 SLOPE FIT
IM3 3/1 SLOPE FIT
IIP3 = –11.5dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com