Electronic Components Datasheet Search
  English  ▼

X  

ADF7024 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF7024
Description  Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7024 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF7024 Datasheet HTML 16Page - Analog Devices ADF7024 Datasheet HTML 17Page - Analog Devices ADF7024 Datasheet HTML 18Page - Analog Devices ADF7024 Datasheet HTML 19Page - Analog Devices ADF7024 Datasheet HTML 20Page - Analog Devices ADF7024 Datasheet HTML 21Page - Analog Devices ADF7024 Datasheet HTML 22Page - Analog Devices ADF7024 Datasheet HTML 23Page - Analog Devices ADF7024 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADF7024
Data Sheet
Rev. B | Page 20 of 24
Figure 35. Receiver Sensitivity (Packet Error Rate at 1%) vs. VDD,
Temperature, and RF, Radio Profile F, FSK, (Minimum Recommended
VDD = 2.2 V, 1.8 V Operation Shown for Robustness)
Figure 36. RSSI (via CMD_GET_RSSI) vs. RF Input Power, 868 MHz, GFSK,
Radio Profile B, IF Bandwidth = 100 kHz, 100 RSSI Measurements at Each
Power Level
Figure 37. Mean RSSI Error (via Automatic End of Packet RSSI Measurement)
vs. RF Input Power and Data Rate, RF = 868 MHz, GFSK, 100 RSSI
Measurements at Each Input Power Level
Figure 38. Typical Accuracy Range of Temperature Sensor vs. Applied
Temperature, Calibration Performed at 25°C
–100.0
–99.5
–99.0
–98.5
–98.0
–97.5
–97.0
–96.5
–96.0
1.8
3.6
VDD (V)
–40°C
+25°C
+85°C
–20
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
10
–10
–8
–6
–4
–2
0
2
4
6
8
–120 –110 –100 –90
–80
–70
–60
–50
–40
–30
–20
INPUT POWER (dBm)
IDEAL RSSI
MEAN RSSI
MEAN RSSI ERROR
MAX POSITIVE RSSI ERROR
MAX NEGATIVE RSSI ERROR
6
–6
–4
–2
0
2
4
–120 –110 –100 –90
–80
–70
–60
–50
–40
–30
–20
INPUT POWER (dBm)
300kbps
200kbps
100kbps
50kbps
38.4kbps
9.6kbps
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
–40 –30 –20 –10
0
1020304050607080
APPLIED TEMPERATURE (°C)
ERROR
MEAN ACCURACY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com