Electronic Components Datasheet Search
  English  ▼

X  

ADF7024 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF7024
Description  Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7024 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF7024 Datasheet HTML 9Page - Analog Devices ADF7024 Datasheet HTML 10Page - Analog Devices ADF7024 Datasheet HTML 11Page - Analog Devices ADF7024 Datasheet HTML 12Page - Analog Devices ADF7024 Datasheet HTML 13Page - Analog Devices ADF7024 Datasheet HTML 14Page - Analog Devices ADF7024 Datasheet HTML 15Page - Analog Devices ADF7024 Datasheet HTML 16Page - Analog Devices ADF7024 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADF7024
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CREGRF1
Regulator Voltage for RF. For regulator stability and noise rejection, place a 220 nF capacitor between this
pin and ground.
2
RBIAS
External Bias Resistor. Place a 36 kΩ resistor with 2% tolerance between this pin and ground.
3
CREGRF2
Regulator Voltage for RF. For regulator stability and noise rejection, place a 220 nF capacitor between this
pin and ground.
4
RFI_P
LNA Positive Input in Receive Mode.
5
RFI_N
LNA Negative Input in Receive Mode.
6
RFO
PA Output.
7
VDDBAT2
Power Supply Pin 2. Place decoupling capacitors to the ground plane as close as possible to this pin.
8
NC
No Connect. Do not connect to this pin.
9
CREGVCO
Regulator Voltage for the VCO. For regulator stability and noise rejection, place a 220 nF capacitor between
this pin and ground.
10
VCOGUARD
Guard/Screen for VCO. Connect this pin to Pin 9.
11
CREGSYNTH
Regulator Voltage for the Synthesizer. For regulator stability and noise rejection, place a 220 nF capacitor
between this pin and ground.
12
CWAKEUP
External Capacitor for Wake-Up Control. Place a 150 nF capacitor between this pin and ground.
13
XOSC26P
Crystal Oscillator, Positive. Connect the 26 MHz reference crystal between this pin and XOSC26N. If an
external reference is connected to XOSC26N, leave this pin open circuited.
14
XOSC26N
Crystal Oscillator, Negative. Connect the 26 MHz reference crystal between this pin and XOSC26P.
Alternatively, an external 26 MHz reference signal can be ac-coupled to this pin.
15
DGUARD
Internal Guard/Screen for the Digital Circuitry. Connect this pin to Pin 16, CREGDIG1.
16
CREGDIG1
Regulator Voltage for Digital Section of the Chip. For regulator stability and noise rejection, place a 220 nF
capacitor between this pin and ground.
17
GP0
Digital GPIO Pin 0.
18
GP1
Digital GPIO Pin 1.
19
GP2
Digital GPIO Pin 2.
20
IRQ_GP3
Interrupt Request/Digital GPIO Test Pin 3.
21
MISO
Serial Port Master Input/Slave Output.
22
SCLK
Serial Port Clock.
23
MOSI
Serial Port Master Output/Slave Input.
24
CS
Chip Select (Active Low). A pull-up resistor of 100 kΩ to VDD is recommended to prevent the host processor
from inadvertently waking the ADF7024 from sleep.
25
GP4
Digital GPIO Test Pin 4.
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. CONNECT THE EXPOSED PAD TO GND.
24 CS
23 MOSI
22 SCLK
21 MISO
20 IRQ_GP3
19 GP2
18 GP1
17 GP0
1
2
3
4
5
6
7
8
CREGRF1
RBIAS
CREGRF2
RFI_P
RFI_N
RFO
VDDBAT2
NC
TOP VIEW
(Not to Scale)
ADF7024
EPAD
Rev. B | Page 13 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com