Electronic Components Datasheet Search
  English  ▼

X  

ADF7024 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF7024
Description  Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7024 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF7024 Datasheet HTML 16Page - Analog Devices ADF7024 Datasheet HTML 17Page - Analog Devices ADF7024 Datasheet HTML 18Page - Analog Devices ADF7024 Datasheet HTML 19Page - Analog Devices ADF7024 Datasheet HTML 20Page - Analog Devices ADF7024 Datasheet HTML 21Page - Analog Devices ADF7024 Datasheet HTML 22Page - Analog Devices ADF7024 Datasheet HTML 23Page - Analog Devices ADF7024 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADF7024
Rev. B | Page 23 of 24
TYPICAL APPLICATION CIRCUIT
Figure 41 shows a typical application circuit for the ADF7024. All
external components required for operation of the device,
excluding supply decoupling capacitors, are shown. This example
circuit uses a combined transmit and receive match. The bottom
of the LFCSP has an exposed pad that must be soldered to
ground on the PCB. The component values for the matching
and harmonic filtering are dependent on the RF band and the
matching topology. For more information, see the ADF7024
Hardware Reference Manual, UG-698, which is only available as
part of the ADF7024 design resource package.
Figure 41. Typical ADF7024 Application Circuit Diagram
ADF7024
CREGRF1
COMBINED
TX/RX
MATCH
RBIAS
CREGRF2
RFI_P
RFI_N
RFO
VDDBAT2
NC
CS
MOSI
SCLK
MISO
IRQ_GP3
GP2
GP1
GP0
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VDD
GPIO
MOSI
SCLK
MISO
IRQ
GND PAD
VDD
ANTENNA
CONNECTION
HARMONIC FILTER
VDD
220nF
36kΩ
220nF
220nF
220nF
150nF
26MHz CRYSTAL
220nF
100kΩ
220nF
220nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com