Electronic Components Datasheet Search
  English  ▼

X  

ADF7024 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF7024
Description  Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7024 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF7024 Datasheet HTML 16Page - Analog Devices ADF7024 Datasheet HTML 17Page - Analog Devices ADF7024 Datasheet HTML 18Page - Analog Devices ADF7024 Datasheet HTML 19Page - Analog Devices ADF7024 Datasheet HTML 20Page - Analog Devices ADF7024 Datasheet HTML 21Page - Analog Devices ADF7024 Datasheet HTML 22Page - Analog Devices ADF7024 Datasheet HTML 23Page - Analog Devices ADF7024 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADF7024
Rev. B | Page 21 of 24
THEORY OF OPERATION
For detailed information on the operation of the ADF7024, see
the ADF7024 Hardware Reference Manual, UG-698, which is
only available as part of the ADF7024 design resource package.
SPI INTERFACE
The ADF7024 is equipped with a 4-wire SPI interface, using the
SCLK, MISO, MOSI, and CS pins. The ADF7024 always acts as
a slave to the host processor. The SPI interface allows the host
processor to perform the following operations on the ADF7024:
Read and write to the ADF7024 memory spaces.
Issue commands to the ADF7024.
Read back the status of the ADF7024.
Wake the ADF7024 from the PHY_SLEEP state.
Figure 39 shows a typical connection diagram between the
processor and the ADF7024. The diagram also shows the
direction of the signal flow for each pin.
Figure 39. Host Processor Interface
The status word of the ADF7024 is returned over the MISO
automatically each time a byte is transferred over the MOSI.
The status word contains the current ADF7024 state, the interrupt
status and flags to indicate that the ADF7024 is ready to accept a
new SPI memory access command or a radio control command.
RADIO CONTROL
The ADF7024 has five radio states designated as PHY_SLEEP,
PHY_OFF, PHY_ON, PHY_RX, and PHY_TX, as described in
Table 11. The host processor can transition the ADF7024 between
states by issuing single-byte, radio control commands over the
SPI interface.
Table 11. Radio States
State
Current
(Typical)
Conditions
PHY_SLEEP
(Deep Sleep
Mode 2)
0.18 μA
Wake-up timer off, configuration
registers not retained, entered by
issuing CMD_HW_RESET
PHY_SLEEP
(Deep Sleep
Mode 1)
0.33 μA
Wake-up timer off, configuration
registers retained
PHY_SLEEP
(WUC
enabled)
0.75 μA
Wake-up timer on using the 32 kHz
RC oscillator, configuration
registers retained
PHY_OFF
1.0 mA
PHY_ON
1.0 mA
PHY_TX
24.1 mA
10 dBm, 868 MHz
PHY_RX
12.8 mA
MEMORY MAP
The ADF7024 memory map is shown in Figure 40. Each memory
space consists of 8-bit registers with an address length of 11 bits.
Figure 40. Memory Map
Configuration Registers
The configuration registers consist of 64 bytes of memory space
used to configure the operation of the ADF7024. The radio profile
registers form part of this memory space. The configuration
registers are retained in the PHY_SLEEP radio state.
Auxiliary Registers
The auxiliary registers consist of 256 bytes of memory space
used for auxiliary radio functions or observation of the radio
blocks of the ADF7024.
Packet RAM
The packet RAM memory consists of 240 bytes of memory for
storage of data from valid received packets and packet data to
be transmitted.
Auxiliary RAM
The auxiliary RAM memory is reserved for use by the ADF7024.
RADIO BLOCKS
Frequency Synthesizer
A fully integrated RF synthesizer is used to generate both the
transmit signal and the local oscillator (LO) signal of the
receiver. A high speed, fully automatic calibration scheme
ensures that the frequency and amplitude characteristics of the
VCO are maintained over temperature, supply voltage, and process
variations. The receive and transmit synthesizer bandwidths are
automatically and independently configured to achieve optimum
phase noise and settling time.
ADF7024
HOST
PROCESSOR
SCLK
MOSI
MISO
IRQ_GP3
GPIO
SCLK
MOSI
MISO
IRQ
CS
NOT USED
AUXILIARY RAM
16 BYTES
0x300
0x3FF
0x0FF
0x010
0x00F
0x000
AUXILIARY REGISTERS
256 BYTES
PACKET RAM
240 BYTES
0x100
0x13F
CONFIGURATION REGISTERS
64 BYTES
RETAINED IN PHY_SLEEP
NOT RETAINED IN PHY_SLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com