Electronic Components Datasheet Search
  English  ▼

X  

ADF7024 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF7024
Description  Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7024 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF7024 Datasheet HTML 13Page - Analog Devices ADF7024 Datasheet HTML 14Page - Analog Devices ADF7024 Datasheet HTML 15Page - Analog Devices ADF7024 Datasheet HTML 16Page - Analog Devices ADF7024 Datasheet HTML 17Page - Analog Devices ADF7024 Datasheet HTML 18Page - Analog Devices ADF7024 Datasheet HTML 19Page - Analog Devices ADF7024 Datasheet HTML 20Page - Analog Devices ADF7024 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADF7024
Rev. B | Page 17 of 24
Figure 17. LNA/Mixer IIP3, VDD = 3.0 V, Temperature = 25°C, RF = 915 MHz,
LNA Gain = High, Mixer Gain = High, Source 1 Frequency =
915 MHz + 0.4 MHz, Source 2 Frequency = 915 MHz + 0.7 MHz
Figure 18. IF Filter Profile vs. IF Bandwidth, VDD = 3.0 V, Temperature = 25°C
Figure 19. IF Filter Profile vs. VDD and Temperature, 100 kHz IF Filter Bandwidth
(Minimum Recommended VDD = 2.2 V, 1.8 V Operation Shown for Robustness)
Figure 20. Receiver Wideband Blocking at 433 MHz, Radio Profile B
Figure 21. Receiver Wideband Blocking at 868 MHz, Radio Profile D
Figure 22. Receiver Wideband Blocking at 868 MHz, Radio Profile F
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
–50
–45
–40
–35
–30
–25
–20
–15
–10
LNA INPUT POWER (dBm)
IIP3 = –12.2dBm
FUNDAMENTAL TONE
IM3 TONE
FUNDAMENTAL 1/1 SLOPE FIT
IM3 3/1 SLOPE FIT
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
0
0.10.20.30.40.50.60.70.8
FREQUENCY OFFSET (MHz)
100kHz
200kHz
300kHz
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
FREQUENCY OFFSET (MHz)
3.6V, +85°C
1.8V, –40°C
2.4V, –40°C
3.0V, –40°C
3.6V, –40°C
1.8V, +25°C
2.4V, +25°C
3.0V, +25°C
3.6V, +25°C
1.8V, +85°C
2.4V, +85°C
3.0V, +85°C
–10
0
10
20
30
40
50
60
70
80
INTERFERER OFFSET FROM RECEIVER LO FREQUENCY (MHz)
MODULATED
INTERFERER
CARRIER WAVE
INTERFERER
–10
0
10
20
30
40
50
60
70
80
BLOCKER FREQUENCY OFFSET (MHz)
MODULATED
INTERFERER
CARRIER WAVE
INTERFERER
INTERFERER OFFSET FROM RECEIVER LO FREQUENCY (MHz)
–10
–20
0
10
20
30
40
50
60
70
MODULATED
INTERFERER
CARRIER WAVE
INTERFERER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com