Electronic Components Datasheet Search
  English  ▼

X  

RCM150 Datasheet(PDF) 17 Page - Bel Fuse Inc.

Part # RCM150
Description  2 input voltage ranges, covering all railway batteries
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM150 Datasheet(HTML) 17 Page - Bel Fuse Inc.

Back Button RCM150 Datasheet HTML 10Page - Bel Fuse Inc. RCM150 Datasheet HTML 11Page - Bel Fuse Inc. RCM150 Datasheet HTML 12Page - Bel Fuse Inc. RCM150 Datasheet HTML 13Page - Bel Fuse Inc. RCM150 Datasheet HTML 14Page - Bel Fuse Inc. RCM150 Datasheet HTML 15Page - Bel Fuse Inc. RCM150 Datasheet HTML 16Page - Bel Fuse Inc. RCM150 Datasheet HTML 17Page - Bel Fuse Inc. RCM150 Datasheet HTML 18Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00791 Rev. AN, 10-Aug-2021
Page 17 of 18
RCM Series
150 / 300 W DC-DC Converters
© 2021 Bel Power Solutions & Protection
Cleaning Liquids and Protection Degree
The converters are not hermetically sealed. In order to avoid possible damage, any penetration of liquids shall be avoided.
The converters correspond to protection degree IP 30.
Railway Applications
The RCM Series converters have been designed observing the railway standards EN 50155:2017, EN 50121-3-2:2016,
EN 50124-1:2017 and AREMA. All boards are coated with a protective lacquer.
The converters comply with the fire & smoke standard EN 45545:2016, HL1 to HL3.
Insulation Test
The electric strength test is performed in the factory as routine test in accordance with EN 50514, EN 50155:2017 and AREMA.
It should not be repeated in the field, and the Company will not honor warranty claims resulting from incorrectly executed electric
strength tests.
Table 10: Isolation
Characteristics
Input to
Output 1
Input to
Case
Output
to Case
OK contacts to
Unit
Input Case Outputs
Voltage withstand levels (tested acc. to IEC 62368-1) -RCM150
4.2
2.12
1.0
2.86
N/A3
N/A3
kVDC
Voltage withstand levels (tested acc. to IEC 62368-1) -RCM300
4.2
2.86
1.0
2.86
N/A3
N/A3
kVDC
Voltage withstand levels (designed to meet AREMA and factory tested)
4.2 1
2.86
2.86
2.86
2.86
2.86
kVDC
Insulation resistance 2
>300
>300
>300
>300
>300
>300
MΩ
Creepage distances
5.0
3.5
3.5
3.5
3.5
3.5
mm
1
Pretest of subassemblies in accordance with IEC/EN 62368-1
2
Tested at 500 VDC
3
No safety isolation requirements applicable between OK contacts to chassis and OK contacts to output per IEC 62368-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com