Electronic Components Datasheet Search
  English  ▼

X  

RCM150 Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # RCM150
Description  2 input voltage ranges, covering all railway batteries
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM150 Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button RCM150 Datasheet HTML 9Page - Bel Fuse Inc. RCM150 Datasheet HTML 10Page - Bel Fuse Inc. RCM150 Datasheet HTML 11Page - Bel Fuse Inc. RCM150 Datasheet HTML 12Page - Bel Fuse Inc. RCM150 Datasheet HTML 13Page - Bel Fuse Inc. RCM150 Datasheet HTML 14Page - Bel Fuse Inc. RCM150 Datasheet HTML 15Page - Bel Fuse Inc. RCM150 Datasheet HTML 16Page - Bel Fuse Inc. RCM150 Datasheet HTML 17Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00791 Rev. AN, 10-Aug-2021
Page 13 of 18
RCM Series
150 / 300 W DC-DC Converters
© 2021 Bel Power Solutions & Protection
Electromagnetic Emissions
All conducted emissions (fig. 9) have been tested as per EN 55011, group 1, class A. These limits are much stronger than
requested in EN 50121-3-2:2016, table 2.1, and coincide with EN 50121-4:2016, table 1.1. The values in fig. 9 are quasipeak values,
which are always lower then peak values.
The average values must respect a margin of 10 dBµV below the limits for quasipeak.
Radiated emissions have been tested according to EN 55011, group 1, class A . These limits are similar to the requirements of
EN 50121-3-2:2016 and EN 50121-4:2016, both calling up EN 61000-6-4+A1:2011, table 1. The tests were executed with horizontal
and vertical polarization. The worse result is shown in fig. 10.
Note: The highest frequency of the internal sources of EUT is less than 108 MHz. Hence, Radiated Measurement was made up to 1 GHz.
Non-accredited measurement up to 6 GHz are available on request.
0
dBµV
20
40
60
80
110RCM150-24DMQF; Vi = 110 V, Vo = 24 V; Io = 6.25 A
Class A, 3-Oct-2016
EN 55011 A qp
EN 55011 A av
0.2
0.5
1
2
5
10
20 MHz
0
dBµV
20
40
60
80
110RCM300-24DMQF; Vi = 110 V, Vo = 24 V; Io = 12.5 A
Class A, 20-Apr-2017
EN 55011 A av
EN 55011 A qp
0.2
0.5
1
2
5
10
20 MHz
Fig. 9a
110RCM150-24: Typ. disturbance voltage at the input
(V
i = 110 V, Ii nom, resistive load, quasi peak and average)
Fig. 9b
110RCM300-24: Typ. disturbance voltage at the input
(V
i = 110 V, Ii nom, resistive load, quasi peak and average)
30
50
100
200
500
1000 MHz
dBµV/m
10
20
30
40
0
60
VUS EMC Labatory, 110RCM150-24DMQF; Vi = 110 VDC, Vo = 24 V / 6.25 A
Testdistance 10 m, Class A, 3-Oct-2016; ESVS 30, Rhode & Schwarz
JM212
50
dBµV/m
VUS EMC Labatory, 300RCM150-24DMQF; Vi = 110 VDC, Vo = 24 V / 12.5 A
Testdistance 10 m, Class A, 21-Apr-2017; ESVS 30, Rhode & Schwarz
30
50
100
200
500
1000 MHz
dBµV/m
10
20
30
40
0
60
VUS EMC Labatory, 300RCM150-24DMQF; Vi = 110 VDC, Vo = 24 V / 12.5 A
Testdistance 10 m, Class A, 21-Apr-2017; ESVS 30, Rhode & Schwarz
50
JM221
Fig. 10a
110RCM150-24: Typ. radiated disturbances in 10 m
distance (V
i = 110 V, Ii nom, resistive load, quasi peak).
Fig. 10b
110RCM300-24: Typ. radiated disturbances in 10 m
distance (V
i = 110 V, Ii nom, resistive load, quasi peak).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com