Electronic Components Datasheet Search
  English  ▼

X  

RCM150 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # RCM150
Description  2 input voltage ranges, covering all railway batteries
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM150 Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button RCM150 Datasheet HTML 4Page - Bel Fuse Inc. RCM150 Datasheet HTML 5Page - Bel Fuse Inc. RCM150 Datasheet HTML 6Page - Bel Fuse Inc. RCM150 Datasheet HTML 7Page - Bel Fuse Inc. RCM150 Datasheet HTML 8Page - Bel Fuse Inc. RCM150 Datasheet HTML 9Page - Bel Fuse Inc. RCM150 Datasheet HTML 10Page - Bel Fuse Inc. RCM150 Datasheet HTML 11Page - Bel Fuse Inc. RCM150 Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00791 Rev. AN, 10-Aug-2021
Page 8 of 18
RCM Series
150 / 300 W DC-DC Converters
© 2021 Bel Power Solutions & Protection
Output Voltage Regulation
Line and load regulation of the output is so good that input voltage and output current have virtually no influence to the output voltage.
Vod
Vod
td
td
Vo ±1%
Vo ±1%
t
t
≥
10 µs
≥
10 µs
Vo
0
0.5
1
Io/Io nom
05102c
Fig. 4
Typical dynamic load regulation of output voltage
Thermal Considerations and Protection
A temperature protection is incorporated in the primary and secondary control logic each. It generates an internal inhibit signal, which
disables the converter in case of overtemperature. The converter automatically recovers, when the temperature drops below the
limit. See fig. 5. The relationship between T
A and TC depends heavily upon the conditions of operation and integration into a system.
Caution: The installer must ensure that under all operating conditions T
C remains within the limits stated in table 8.
0
60
120
180
240
50
60
70
80
90
100
Po [W]
TA [°C]
300
110RCM300
JM245
TC max
Convection
cooling
110RCM150
Fig. 5
Typical output power derating versus temperature; vertical mounting position, free convection cooling.
Output Current Limitation
The output is continuously protected against open-circuit (no load) and short-circuit by an electronic current limitation with
rectangular characteristic; see fig. 6.
Vo
Vo nom
0.98
0.5
0
0.5
1.0
IoL
Io
Io nom
JM219
Fig. 6
Rectangular current limitation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com