Electronic Components Datasheet Search
  English  ▼

X  

RCM150 Datasheet(PDF) 12 Page - Bel Fuse Inc.

Part # RCM150
Description  2 input voltage ranges, covering all railway batteries
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM150 Datasheet(HTML) 12 Page - Bel Fuse Inc.

Back Button RCM150 Datasheet HTML 8Page - Bel Fuse Inc. RCM150 Datasheet HTML 9Page - Bel Fuse Inc. RCM150 Datasheet HTML 10Page - Bel Fuse Inc. RCM150 Datasheet HTML 11Page - Bel Fuse Inc. RCM150 Datasheet HTML 12Page - Bel Fuse Inc. RCM150 Datasheet HTML 13Page - Bel Fuse Inc. RCM150 Datasheet HTML 14Page - Bel Fuse Inc. RCM150 Datasheet HTML 15Page - Bel Fuse Inc. RCM150 Datasheet HTML 16Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00791 Rev. AN, 10-Aug-2021
Page 12 of 18
RCM Series
150 / 300 W DC-DC Converters
© 2021 Bel Power Solutions & Protection
Electromagnetic Compatibility (EMC)
Electromagnetic Immunity
Table 6: Electromagnetic immunity (type tests). Corresponds or Exceeds EN50121-3-2:2016 and AREMA
Phenomenon
Standard Level Coupling mode 1 Value
applied
Waveform
Source
imped.
Test procedure
In
oper.
Perf.
crit.2
Electrostatic
discharge (to case)
IEC/EN
61000-4-2
4
contact discharge 6000 V
p
1/50 ns
330 Ω
150 pF
10 pos. & 10
neg. discharges
yes
A
air discharge
8000 V
p
Electromagnetic
field
IEC/EN
61000-4-3
x
antenna
20 V/m
AM 80% / 1 kHz
N/A
80 – 800 MHz
yes
A
antenna
20 V/m
AM 80% / 1 kHz
N/A
800 – 1000 MHz
yes
A
20 V/m
1400 – 2000 MHz
5 V/m
2000 – 2700 MHz
3 V/m
5100 – 6000 MHz
Electrical fast
transients/burst
IEC/EN
61000-4-4
3
capacitive, o/c
±2000 V
p
burstsof 5/50ns;
2.5/5 kHz over 15 ms;
burst period: 300 ms
50 Ω
60 s positive
60 s negative
transients per
coupling mode
yes
A
3
i/c, +i/–i
direct coupling
Surges
IEC/EN
61000-4-5
3
i/c
±2000 V
p
1.2 / 50 µs
42 Ω
0.5 μF 5 pos. & 5 neg.
surges per
coupling mode
yes
A
+i/–i
±1000 V
p
i/c, +i/–i
±2000 V
p
12 Ω
9 μF
B
Conducted
disturbances
IEC/EN
61000-4-6
3
i, o, signal wires
10 VAC
(140 dBµV) AM 80% / 1 kHz
150 Ω 0.15 – 80 MHz
yes
A
Power frequency
magnetic field
IEC/EN
61000-4-8
3
300 A/m
60 s in all 3 axis
yes
A
1
i = input, o = output, c = case
2
A = normal operation, no deviation from specs.; B = normal operation, temporary loss of function or deviation from specs possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com