Electronic Components Datasheet Search
  English  ▼

X  

RCM150 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # RCM150
Description  2 input voltage ranges, covering all railway batteries
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM150 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  RCM150 Datasheet HTML 1Page - Bel Fuse Inc. RCM150 Datasheet HTML 2Page - Bel Fuse Inc. RCM150 Datasheet HTML 3Page - Bel Fuse Inc. RCM150 Datasheet HTML 4Page - Bel Fuse Inc. RCM150 Datasheet HTML 5Page - Bel Fuse Inc. RCM150 Datasheet HTML 6Page - Bel Fuse Inc. RCM150 Datasheet HTML 7Page - Bel Fuse Inc. RCM150 Datasheet HTML 8Page - Bel Fuse Inc. RCM150 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00791 Rev. AN, 10-Aug-2021
Page 4 of 18
RCM Series
150 / 300 W DC-DC Converters
© 2021 Bel Power Solutions & Protection
Electrical Input Data
General conditions:
- T
A = 25 °C, unless TC is specified.
Table 2a: Input data of RCM150 models
Model
24RCM150
110RCM150
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
V
i cont
Operating input voltage continuous
I
o = 0 – Io max
T
C min – TC max
16.8
(24)
45.0
50.4
(110)
137.5
V
V
i 2s
for ≤ 2 s
without shutdown
14.4
52.5
43.2
154
V
i nom
Nominal input voltage
24, (36)
(72), (96), 110
V
i abs
Input voltage limits
3 s without damage
0
55
0
165
I
i
Typical input current
V
i nom, I o nom
6.8
1.5
A
P
i 0
No-load input power
V
i min – Vi max, Io = 0
2.5
4
4 2
6
W
P
i SD
Idle input power
V
i min – Vi max, VSD = 0 V
0.7
1.5
0.7 2
1.5
C
i
Input capacitance 1
40
10
µF
R
i
Input resistance
100
100
mΩ
I
inr p
Peak inrush current
V
i = Vi max, P o nom
75
100
A
t
inr d
Duration of inrush current
0.5
0.5
ms
t
on
Start-up time
0 → V
i min, P o nom
1000
1000
Start-up time after removal of shutdown
V
i min, P o nom
V
SD = 0 → 5 V
300
300
Table 2b: Input data of RCM300 models
Model
24RCM300
110RCM300
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
V
i cont
Operating input voltage continuous
I
o = 0 – Io max
T
C min – TC max
16.8
(24)
45.0
50.4
(110)
137.5
V
V
i 2s
for ≤ 2 s
without shutdown
14.4
52.5
43.2
154
V
i nom
Nominal input voltage
24, (36)
(72), (96), 110
V
i abs
Input voltage limits
3 s without damage
0
55
0
165
I
i
Typical input current
V
i nom, I o nom
13.9
3 2
A
P
i 0
No-load input power
V
i min – Vi max, Io = 0
4
6
4 2
6
W
P
i SD
Idle input power
V
i min – Vi max, VSD = 0 V
1.5
1.5
C
i
Input capacitance 1
6
12
µF
R
i
Input resistance
140
140
mΩ
I
inr p
Peak inrush current
V
i = Vi max, P o nom
120
150
A
t
inr d
Duration of inrush current
0.5
0.5
ms
t
on
Start-up time
0 → V
i min, P o nom
1000
1000
Start-up time after removal of shutdown
V
i min, P o nom
V
SD = 0 → 5 V
300
300
1
Not smoothed by the inrush current limiter at start-up (for inrush current calculation)
2
Typ. value at V
i max. At lower Vi, the idle and low-load input power are smaller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com