Electronic Components Datasheet Search
  English  ▼

X  

RCM150 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # RCM150
Description  2 input voltage ranges, covering all railway batteries
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM150 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  RCM150 Datasheet HTML 1Page - Bel Fuse Inc. RCM150 Datasheet HTML 2Page - Bel Fuse Inc. RCM150 Datasheet HTML 3Page - Bel Fuse Inc. RCM150 Datasheet HTML 4Page - Bel Fuse Inc. RCM150 Datasheet HTML 5Page - Bel Fuse Inc. RCM150 Datasheet HTML 6Page - Bel Fuse Inc. RCM150 Datasheet HTML 7Page - Bel Fuse Inc. RCM150 Datasheet HTML 8Page - Bel Fuse Inc. RCM150 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00791 Rev. AN, 10-Aug-2021
Page 5 of 18
RCM Series
150 / 300 W DC-DC Converters
© 2021 Bel Power Solutions & Protection
Input Transient and Reverse Polarity Protection
A suppressor diode and a symmetrical input filter form an effective protection against input transients, which typically occur in many
installations, but especially in battery-driven mobile applications.
If the input voltage has the wrong polarity, the incorporated antiparallel diode causes the external input circuit breaker or fuse to
trip. With option M or F (incorporated fuse), an active reverse-polarity protection circuit prevents from any damage.
Input Under-/Overvoltage Lockout
If the input voltage is out of range, an internally generated inhibit signal disables the converter to avoid any damage.
Inrush Current and Stability with Long Supply Lines
The converter operates with relatively small input capacitance C
i resulting in low inrush current of short duration.
If a converter is connected to the power source through supply lines with reasonable length, no additional measures are necessary
to ensure stable operation.
Only in the case of very long supply lines exhibiting a considerable inductance L
ext, an additional external capacitor Cext connected
across the input pins improves the stability and prevents oscillations; see fig. 2.
Vi+
Vi–
Vo+
Vo–
+
Lext
Rext
JM085d
Cext
Ci
ri
Converter
Ri
Table 3: Recommended values for the capacitor C
ext
V
i nom
RCM150
RCM300
Rated voltage
24 V
1500 μF
3000 μF
40 V
36 V
1000 μF
2000 μF
63 V
72 V
220 μF
440 μF
125 V
110 V
100 μF
200 μF
200 V
Fig. 2
Input configuration
Actually, the RCM Series converter with its load acts as negative resistor r
i, because the input current I i rises, when the input
voltage V
i is decreased. It tends to oscillate with a resonant frequency determined by the line inductance Lex t and the input
capacitance C
i + Cext, damped by the resistor Rext. The whole system is not linear at all and eludes a simple calculation. One basic
condition is given by the formula:
L
ext • Po max
dV
i
C
i + C ext >
_________
(r
i =
____ )
R
ext • Vi min²
dI
i
R
ext is the series resistor of the voltage source including supply lines. If this condition is not fulfilled, the converter may not reach
stable operating conditions. Worst case conditions are at lowest V
i and highest output power Po.
Recommended values for C
ext for different batteries are listed in table 3, which should allow for stable operation up to an input
inductance of 2 mH. C
i is specified in table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com