Electronic Components Datasheet Search
  English  ▼

X  

RCM150 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # RCM150
Description  2 input voltage ranges, covering all railway batteries
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM150 Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button RCM150 Datasheet HTML 2Page - Bel Fuse Inc. RCM150 Datasheet HTML 3Page - Bel Fuse Inc. RCM150 Datasheet HTML 4Page - Bel Fuse Inc. RCM150 Datasheet HTML 5Page - Bel Fuse Inc. RCM150 Datasheet HTML 6Page - Bel Fuse Inc. RCM150 Datasheet HTML 7Page - Bel Fuse Inc. RCM150 Datasheet HTML 8Page - Bel Fuse Inc. RCM150 Datasheet HTML 9Page - Bel Fuse Inc. RCM150 Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00791 Rev. AN, 10-Aug-2021
Page 6 of 18
RCM Series
150 / 300 W DC-DC Converters
© 2021 Bel Power Solutions & Protection
Efficiency
The efficiency depends on the model and on the input voltage.
60
70
80
90
0.4
0.8
Po / Po nom
0
JM217
100
η
[%]
0.6
0.2
Vi = 50 V
Vi = 110 V
110RCM150-12DMQ
Vi = 137 V
60
70
80
90
0.4
0.8
Po / Po nom
0
JM210b
100
η
[%]
0.6
0.2
Vi = 50 V
Vi = 110 V
110RCM150-24DMQ
Vi = 137 V
Fig. 3a
Efficiency versus V
i and Po (110RCM150-12DMQ)
Fig. 3b
Efficiency versus V
i and Po (110RCM150-24DMQ)
60
70
80
90
0.4
0.8
Po / Po nom
0
JM218
100
η
[%]
0.6
0.2
Vi = 50 V
Vi = 110 V
110RCM300-24DMQ
Vi = 137 V
Fig. 3c
Fig. 3c
Efficiency versus V
i and Po (110RCM300-24DMQ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com