Electronic Components Datasheet Search
  English  ▼

X  

RCM150 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # RCM150
Description  2 input voltage ranges, covering all railway batteries
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM150 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  RCM150 Datasheet HTML 1Page - Bel Fuse Inc. RCM150 Datasheet HTML 2Page - Bel Fuse Inc. RCM150 Datasheet HTML 3Page - Bel Fuse Inc. RCM150 Datasheet HTML 4Page - Bel Fuse Inc. RCM150 Datasheet HTML 5Page - Bel Fuse Inc. RCM150 Datasheet HTML 6Page - Bel Fuse Inc. RCM150 Datasheet HTML 7Page - Bel Fuse Inc. RCM150 Datasheet HTML 8Page - Bel Fuse Inc. RCM150 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00791 Rev. AN, 10-Aug-2021
Page 3 of 18
RCM Series
150 / 300 W DC-DC Converters
© 2021 Bel Power Solutions & Protection
Product Marking
Type designation, applicable safety approval and recognition marks, CE mark, pin allocation, and product logo.
Input voltage range and input current, nominal output voltage and current, degree of protection, batch no., serial no., and data code
including production site, version (modification status) and date of production.
Functional Description
The converters are designed as active clamp forward converters with a switching frequency of approximately 120 kHz. The built-in
high-efficient input filter together with a small input capacitance generates very low inrush current of short duration. An antiparallel
diode acts as reverse polarity protection together with the external circuit breaker or fuse.
The circuitry providing the interruption time (opt. M) is located after the input filter.
The rectification on the secondary side is provided by synchronous rectifiers, in order to keep the losses as low as possible. The
output voltage control logic is located on the secondary side and influences the primary logic through magnetic feedback.
An auxiliary converter supplies all circuits with a stable bias voltage.
An output ORing FET is available (option Q) and allows for a redundant power supply system. If there are no external circuit
breakers, it is possible to order the converter with incorporated fuse (opt. F). Because this fuse is not accessible, a serial diode
provides reverse polarity protection (only with option F or M).
Opt. D encompasses an additional auxiliary connector and allows for output voltage adjust and a primary shutdown. An output
voltage monitor controls a relay with a change-over contact.
Vi–
Vi+
Vo–
JM194f
Auxiliary connector (only with option D)
Vo+
Auxiliary
converter
Cy
SD0
SD
Cy
Cy
PE
Opt. Q
Fuse
(option F)
OK0
+
Chu
Opt. M
Input
filter
Primary
control logic
¹ Series diode, only fitted with opt. F or M
² Bipolar suppressor diode with opt. F or M
³ Relay contact shown under normal operating conditions
and output voltage under regulation
1
Output
filter
OK2
Secondary
control logic
R–
R R
R+
Isolated
driver
NTC
OK1
2
3
Fig. 1
Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com