Electronic Components Datasheet Search
  English  ▼

X  

RCM150 Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # RCM150
Description  2 input voltage ranges, covering all railway batteries
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM150 Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button RCM150 Datasheet HTML 5Page - Bel Fuse Inc. RCM150 Datasheet HTML 6Page - Bel Fuse Inc. RCM150 Datasheet HTML 7Page - Bel Fuse Inc. RCM150 Datasheet HTML 8Page - Bel Fuse Inc. RCM150 Datasheet HTML 9Page - Bel Fuse Inc. RCM150 Datasheet HTML 10Page - Bel Fuse Inc. RCM150 Datasheet HTML 11Page - Bel Fuse Inc. RCM150 Datasheet HTML 12Page - Bel Fuse Inc. RCM150 Datasheet HTML 13Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00791 Rev. AN, 10-Aug-2021
Page 9 of 18
RCM Series
150 / 300 W DC-DC Converters
© 2021 Bel Power Solutions & Protection
Series and Parallel Connection
The outputs of several RCM Series converters may be connected in series.
Note: If the sum of the output voltages is greater than 60 V, it cannot be considered as ES1 (Electrical energy source class 1) according to
the safety standards.
Several RCM models of the same type can be operated in parallel connection. To ensures proper current sharing, the load lines
should have equal length and section. The output voltage exhibits a slight droop characteristic, which facilitates current sharing.
In addition, the output voltage tends to be lowered with increasing temperature.
Redundant Systems
For redundant systems, we recommend the options Q and D, see Options.
LED Indicator
The converters exhibit a green LED “Out OK”, signaling that the output voltage is within the specified range.
Description of Options
Option D: Output Monitor, Output Adjust, Shutdown
Option D consists of several auxiliary functions and encompasses an additional auxiliary connector.
Output Voltage Adjust (R)
Note: With open R-input, V
o = Vo nom.
The converter allows for adjusting the output voltage in the range of 80 to 105% of V
o nom. The adjust is accomplished by an external
resistor R
ext1 or Rext2, connected to the R-input; see fig. 7.
Depending on the value of the required output voltage, the resistor shall be connected:
either: Between the R-pin and R– to adjust the output voltage to a value below V
o nom :
V
o
R
ext1 ≈ 4 kΩ •
––––––––– – 15.8 kΩ
V
o nom – Vo
Note: R
ext1 = 0 Ω reduces Vo to 80%.
or: Between the R-pin and R+ to adjust the output voltage to a value greater than V
o nom :
(V
o – 2.5 V)
R
ext2 ≈ 4 kΩ • –––––––––––––––––– – Ra
2.5 V • (V
o/Vo nom – 1)
Note: R
ext2 = 0 Ω increases Vo to 105%.
Ra = 300 kΩ for V
o nom = 12 V
Ra = xxx kΩ for V
o nom = 15 V
Ra = 680 kΩ for V
o nom = 24 V
R–
R+
Vo–
4 kΩ
Vref = 2.5 V
Rext1
Rext2
JM244
Vi–
Vi+
+
Control
logic
Bias
Ra
15.8 kΩ
R
Fig. 7
Output voltage control via R-input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com