Electronic Components Datasheet Search
  English  ▼

X  

RCM150 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # RCM150
Description  2 input voltage ranges, covering all railway batteries
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM150 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  RCM150 Datasheet HTML 1Page - Bel Fuse Inc. RCM150 Datasheet HTML 2Page - Bel Fuse Inc. RCM150 Datasheet HTML 3Page - Bel Fuse Inc. RCM150 Datasheet HTML 4Page - Bel Fuse Inc. RCM150 Datasheet HTML 5Page - Bel Fuse Inc. RCM150 Datasheet HTML 6Page - Bel Fuse Inc. RCM150 Datasheet HTML 7Page - Bel Fuse Inc. RCM150 Datasheet HTML 8Page - Bel Fuse Inc. RCM150 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00791 Rev. AN, 10-Aug-2021
Page 2 of 18
RCM Series
150 / 300 W DC-DC Converters
© 2021 Bel Power Solutions & Protection
Model Selection
Table 1: Standard models
Input voltage
Output
Power
Efficiency 2
Model
Options
V
i min
1
[V]
V
i cont
[V]
V
i max
1
[V]
V
o nom
[V]
I
o nom
[A]
P
o nom
[W]
η
min
η
typ
[%]
14.4
16.8
(24)
45
52.5
12
12.5
150
88
90
24RCM150-12
D, M, Q, F, K
15
10.0
150
90
91
24RCM150-15
24
6.25
150
90
91
24RCM150-24
43.2
50.4
(110)
137.5
154
12
12.5
150
91
92.5
110RCM150-12
15
10.0
150
110RCM150-15 3
24
6.25
150
92
93
110RCM150-24
14.4
16.8
(24)
45
52.5
12
25
300
89
90.5
24RCM300-12 3
24
12.5
300
90
91
24RCM300-24
43.2
50.4
(110)
137.5
154
12
25
300
91
92.5
110RCM300-12
24
12.5
300
92
93.5
110RCM300-24
1
Short time; see table 2 for details.
2
Efficiency at T
A = 25 °C, Vi nom, Io nom, Vo nom, only option D fitted.
3
Contact Bel Power Solutions for availability and release date.
Part Number Description
Operating input voltage V
i cont (continuously):
16.8 – 45 VDC ...........................................................24
50.4 – 137.5 VDC ..................................................... 110
Series .............................................................................RCM
Output power:
150 W .....................................................................150
300 W .....................................................................300
Nominal output voltage:
12 V ...........................................................................-12
15 V ...........................................................................-15
24 V ...........................................................................-24
Auxiliary functions and options:
Out OK, output voltage adjust, shutdown 1 .................. D
Interruption time ...........................................................M
ORing FET....................................................................Q
Fuse built-in...................................................................F
Pluggable Connectors ................................................. K
1
Opt. D requires the auxiliary connector.
Note: The sequence of options must follow the order above.
Note: All models are RoHS-compliant for all six substances.
110 RCM 150 -24 D M Q F K
Available combinations of options:
24/110RCMxxx-xx (K)
24/110RCMxxx-xxD (K)
24/110RCMxxx-xxDF (K)
24/110RCMxxx-xxDMQ (K)
24/110RCMxxx-xxDMQF (K)
Example: 110RCM150-24DMQ: DC-DC converter, input voltage range 50.4 to 137.5V continuously, output providing 24 V /6.25 A, monitoring
relay, output voltage adjust, shutdown input, interruption time 10 ms, integrated ORing FET, operating ambient temperature
T
A = –40 to 70 °C, RoHS-compliant for all six substances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com