Electronic Components Datasheet Search
  English  ▼

X  

RCM150 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # RCM150
Description  2 input voltage ranges, covering all railway batteries
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM150 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button RCM150 Datasheet HTML 7Page - Bel Fuse Inc. RCM150 Datasheet HTML 8Page - Bel Fuse Inc. RCM150 Datasheet HTML 9Page - Bel Fuse Inc. RCM150 Datasheet HTML 10Page - Bel Fuse Inc. RCM150 Datasheet HTML 11Page - Bel Fuse Inc. RCM150 Datasheet HTML 12Page - Bel Fuse Inc. RCM150 Datasheet HTML 13Page - Bel Fuse Inc. RCM150 Datasheet HTML 14Page - Bel Fuse Inc. RCM150 Datasheet HTML 15Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00791 Rev. AN, 10-Aug-2021
Page 11 of 18
RCM Series
150 / 300 W DC-DC Converters
© 2021 Bel Power Solutions & Protection
Option Q: ORing FET for Redundant Systems
The outputs of 2 parallel connected converters are separated with ORing diodes (built by FETs). If one converter fails, the
remaining one must be capable to still deliver the full power to the load. If more power is needed, the system may be extended to
more parallel converters (n+1 redundancy).
Current sharing must be ensured by load lines of equal section and length. In addition, a slight droop characteristic of the output
voltage and a negative temperature coefficient are helpful as well.
To keep the losses as small as possible, the ORing diode is replaced by a FET. The voltage drop is approx. 22 mV (not dependent of I
o).
Note: In the case of a failing converter, the output voltage is maintained by the redundant converters. However, the failing item should be
identified and replaced. We recommend the Out OK function (option D).
Option F: Incorporated Fuse
The railway standard EN 50155 disadvises fuses in the converters. Consequently, the installer must preview an external fuse or
circuit breaker. However, when this is not possible, an incorporated fuse is available (option F). This fuse is not accessible and will
not trip, except if the converter is defect.
Note: Converters with option F or option M are protected against input reverse polarity by a series diode.
Table 5: Recommended external fuses (same as with option F)
Converter
Specification
Ordering number
24RCM150
15 A fast acting
BEL 0ADE (P) 9150
24RCM300
30 A fast acting
BEL 0ADE (P) 9300
110RCM150
5 A fast acting
Littelfuse 0507 005.MXEP
110RCM300
8 A fast acting
Littelfuse 0507 008.MXEP
Option K: Pluggable Connectors
This option allows the use of pre-assembled pluggable connectors; for details see Accessories.
Note: Female connectors must be ordered separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com