Electronic Components Datasheet Search
  English  ▼

X  

RCM150 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # RCM150
Description  2 input voltage ranges, covering all railway batteries
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM150 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  RCM150 Datasheet HTML 1Page - Bel Fuse Inc. RCM150 Datasheet HTML 2Page - Bel Fuse Inc. RCM150 Datasheet HTML 3Page - Bel Fuse Inc. RCM150 Datasheet HTML 4Page - Bel Fuse Inc. RCM150 Datasheet HTML 5Page - Bel Fuse Inc. RCM150 Datasheet HTML 6Page - Bel Fuse Inc. RCM150 Datasheet HTML 7Page - Bel Fuse Inc. RCM150 Datasheet HTML 8Page - Bel Fuse Inc. RCM150 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
belfuse.com/power-solutions
BCD.00791 Rev. AN, 10-Aug-2021
RCM150/300 Series
150/300 W DC-DC Converters
The RCM Series converters are reliable power supplies
for railway and transportation systems. There are 2 input
voltage ranges covering all common railway batteries.
The output delivers 150 or 300 W at 12, 15 or 24 V. The
converters are designed for chassis mounting and exhibit
a closed housing with cooling openings.
Many options are available, such as an output ORing
FET for redundant operation, output voltage adjustment,
interruption time of 10 ms (class S2), shutdown input, and
an output voltage monitor controlling a relay (change-over
contact).
Features
• RoHS lead-free-solder product
• 2 input voltage ranges, covering all railway batteries
• Single output 12, 15 or 24 V
• Closed housing for chassis mounting
• Extremely high efficiency and high power density
• Low inrush current
• 3 connectors: Input, output, auxiliary
• Overtemperature, overvoltage, overcurrent, and overload
protection
• Many options available
• Dimensions:
RCM150 96 x 36.1 x 164.5 mm (3.78 x 1.42 x 6.48 in)
RCM300 116 x 38 x 188.6 mm (4.57 x 1.5 x 4.43 in)
• Compliant to EN 50155, EN 50121-3-2, AREMA
• Fire and smoke: compliant to EN 45545 and NFPA 130
• 5 year warranty
Safety-approved to the latest edition of IEC/EN 62368-1
and UL/CSA 62368-1
Table of Contents
Description........................................................................................1
Model Selection................................................................................2
Functional Description......................................................................3
Electrical Input Data .........................................................................4
Electrical Output Data.......................................................................7
Description of Options ......................................................................9
Electromagnetic Compatibility (EMC).............................................12
Immunity to Environmental Conditions...........................................14
Mechanical Data.............................................................................15
Safety and Installation Instructions.................................................16
Accessories ....................................................................................18
1
1 pending


Similar Part No. - RCM150

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
RCM100-100FNB AAC-RCM100-100FNB Datasheet
121Kb / 1P
HIGH POWER RESISTOR - Non Inductive Chassis Mounting
RCM100-100FYB AAC-RCM100-100FYB Datasheet
121Kb / 1P
HIGH POWER RESISTOR - Non Inductive Chassis Mounting
RCM100-100JNB AAC-RCM100-100JNB Datasheet
121Kb / 1P
HIGH POWER RESISTOR - Non Inductive Chassis Mounting
RCM100-100JYB AAC-RCM100-100JYB Datasheet
121Kb / 1P
HIGH POWER RESISTOR - Non Inductive Chassis Mounting
RCM100-100KNB AAC-RCM100-100KNB Datasheet
121Kb / 1P
HIGH POWER RESISTOR - Non Inductive Chassis Mounting
More results

Similar Description - RCM150

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
2 1 and 3 1 Wide Input Voltage Ranges
RS3 RECOM-RS3 Datasheet
123Kb / 3P
2:1 and 3:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
LANCY WALL-LANCY Datasheet
355Kb / 6P
Wide Input Voltage Ranges
CMMM WALL-CMMM Datasheet
272Kb / 7P
2:1 Input Voltage Ranges 18~30 Watt
DC100 WALL-DC100 Datasheet
655Kb / 8P
2:1 Wide Input Voltage Ranges
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
2:1 Input Voltage Ranges
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
2:1 Input Voltage Ranges
DH40 WALL-DH40 Datasheet
1Mb / 13P
2:1 Wide Input Voltage Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com