Electronic Components Datasheet Search
  English  ▼

X  

RCM150 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # RCM150
Description  2 input voltage ranges, covering all railway batteries
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RCM150 Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button RCM150 Datasheet HTML 3Page - Bel Fuse Inc. RCM150 Datasheet HTML 4Page - Bel Fuse Inc. RCM150 Datasheet HTML 5Page - Bel Fuse Inc. RCM150 Datasheet HTML 6Page - Bel Fuse Inc. RCM150 Datasheet HTML 7Page - Bel Fuse Inc. RCM150 Datasheet HTML 8Page - Bel Fuse Inc. RCM150 Datasheet HTML 9Page - Bel Fuse Inc. RCM150 Datasheet HTML 10Page - Bel Fuse Inc. RCM150 Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00791 Rev. AN, 10-Aug-2021
Page 7 of 18
RCM Series
150 / 300 W DC-DC Converters
© 2021 Bel Power Solutions & Protection
Electrical Output Data
General conditions:
- T
A = 25 °C, unless TC is specified
- R input not connected
Table 4a: Output data of RCM150 models.
Output
12 V
15 V
24 V
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
min
typ
max
V
o
Output voltage 1
V
i nom, 0.5 Io nom
11.88
12
12.12 14.85 15.00 15.15 23.76
24
24.24
V
V
ow
Worst case output voltage
V
i min – Vi max
T
C min – TC max, 0 - Io nom
11.64
12.36 14.55
15.45 23.28
24.72
V
o droop
Output voltage droop
- 20
- 30
- 40
mV/A
V
o L
Overvoltage shutdown 6
14
17.5
28
V
V
o P
Overvoltage protection 2
14.3
15
15.8
17.8
19.8
28.5
30
31.5
I
o nom
Nominal output current
12.5
10.0
6.25
A
I
o L
Output current limit
T
C min – TC max
13.0
15
10.4
12.0
6.5
7.2
v
o
Output noise 3
Switching frequency V
i nom, Io nom
BW = 20 MHz
50
60
80
mV
pp
Total incl. spikes
70
100
120
v
od
Dynamic load
regulation
Voltage deviation 5
V
i nom ,
0.1↔ 0.9 I
o nom
700
800
1000
t
d
4
Recovery time
5
5
5
ms
α
vo
Temperature coefficient of v
o (NTC)
0 - I
o nom, TC min – TC max
- 0.02
0
- 0.02
0
- 0.02
0
%/K
Table 4b: Output data of RCM300 models.
Output
12 V
24 V
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
V
o
Output voltage 1
V
i nom, 0.5 Io nom
11.88
12
12.12
23.76
24
24.24
V
V
ow
Worst case output voltage
V
i min – Vi max
T
C min – TC max, 0 - Io nom
11.64
12.36
23.28
24.72
V
o droop
Output voltage droop
- 20
- 40
mV/A
V
o L
Overvoltage shutdown 6
14
28
V
V
o P
Overvoltage protection 2
14.3
15
15.8
28.5
30
31.5
I
o nom
Nominal output current
25
12.5
A
I
o L
Output current limit
T
C min – TC max
27
30
13.5
15
v
o
Output noise 3
Switching frequency V
i nom, Io nom
BW = 20MHz
60
80
mV
pp
Total incl. spikes
80
120
v
od
Dynamic load
regulation
Voltage deviation 5
V
i nom ,
0.1 ↔0.9 I
o nom
1000
1200
t
d
4
Recovery time
5
5
ms
α
vo
Temperature coefficient of v
o (NTC)
0 - I
o nom, TC min – TC max
- 0.02
0
- 0.02
0
%/K
1
If the output voltage is increased above V
o nom through R-input control, the output power should be reduced accordingly, so that Po max and
T
C max are not exceeded.
2
Breakdown voltage of the incorporated suppressor diode at 1 mA . Exceeding this value might damage the suppressor diode.
3
Measured according to IEC/EN 61204 with a probe described in annex A
4
Recovery time until V
o returns to ±1 % of Vo; see fig. 4.
5
No overshoot at switch on.
6
Output overvoltage protection by an electronic circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com