Electronic Components Datasheet Search
  English  ▼

X  

MAX8772 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX8772
Description  MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8772 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX8772 Datasheet HTML 12Page - Maxim Integrated Products MAX8772 Datasheet HTML 13Page - Maxim Integrated Products MAX8772 Datasheet HTML 14Page - Maxim Integrated Products MAX8772 Datasheet HTML 15Page - Maxim Integrated Products MAX8772 Datasheet HTML 16Page - Maxim Integrated Products MAX8772 Datasheet HTML 17Page - Maxim Integrated Products MAX8772 Datasheet HTML 18Page - Maxim Integrated Products MAX8772 Datasheet HTML 19Page - Maxim Integrated Products MAX8772 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick-
PWM Controller for IMVP-6+ CPU Core Power Supplies
16
______________________________________________________________________________________
CONFIDENTIAL INFORMATION – RESTRICTED TO INTEL® IMVP-6 LICENSEES
Pin Description (continued)
PIN
NAME
FUNCTION
PHASEGD
(MAX8771)
Open-Drain, Phase-Good Output. Used to signal the system that one of the two phases either has a fault
condition or is not matched with the other. Detection is done by identifying the need for a large on-time
difference between phases in order to achieve or move towards current balance. PHASEGD is low in
shutdown.
PHASEGD is forced high impedance whenever the slew-rate controller is active (output-voltage
transitions).
PHASEGD is forced high impedance while in 1-phase operation (DPRSLPVR = high or
PSI = low).
17
CSP1
(MAX8770
MAX8772)
Positive Input of the Output Current Sense of Phase 1. This pin should be connected to the positive side of
the output current-sensing resistor or the filtering capacitor if the DC resistance of the output inductor is
utilized for current sensing.
18
GND
Analog Ground. Connect to the exposed backside pad and low-current analog ground terminations.
19
VCC
Controller Supply Voltage. Connect to a 4.5V to 5.5V source. Bypass to GND with 1µF minimum.
20
BST2
Boost Flying-Capacitor Connection for the DH2 high-side gate driver. An internal switch between VDD and
BST2 charges the flying capacitor during the time the low-side FET is on.
21
DH2
Phase-2, High-Side Gate-Driver Output. DH2 swings from LX2 to BST2. Low in shutdown.
22
LX2
Phase-2 Inductor Connection. LX2 is the internal lower supply rail for the DH2 high-side gate driver. Also
used as an input to the phase 2’s zero-crossing comparator.
23
PGND2
Power Ground for Phase 2. Ground connection for the DL2 driver. Also used as an input to phase 2’s zero
crossing comparator.
24
DL2
Phase-2, Low-Side Gate-Driver Output. DL2 swings from PGND2 to VDD. DL2 is forced high in shutdown.
DL2 is also forced high when an output overvoltage fault is detected, overriding any negative current-limit
condition that may be present. DL2 is forced low in skip mode (DPRSLPVR high) after an inductor current
zero crossing (PGND2 - LX2) is detected. DL2 is forced low in 1-phase mode (TWO - PH = low).
25
VDD
Supply Voltage Input for the DL1 and DL2 Drivers. VDD is also the supply voltage used to internally
recharge the BST1, BST2 flying capacitors during the off-times of the respective phases. Connect VDD to
the 4.5V to 5.5V system supply voltage. Bypass VDD to PGND1 and PGND2 with a 1µF each or greater
ceramic capacitors.
26
DL1
Phase 1, Low-Side Gate-Driver Output. DL1 swings from PGND1 to VDD. DL1 is forced high in shutdown.
DL1 is also forced high when an output overvoltage fault is detected, overriding any negative current-limit
condition that may be present. DL1 is forced low in skip mode (DPRSLPVR high) whenever an inductor
current zero crossing (PGND1 - LX1) is detected.
27
PGND1
Power Ground for Phase 1. Ground connection for the DL1 driver. Also used as an input to the phase 1’s
zero crossing comparator.
28
LX1
Phase 1 Inductor Connection. LX1 is the internal lower supply rail for the DH1 high-side gate driver. Also
used as an input to the phase-1’s zero-crossing comparator.
29
DH1
Phase 1 High-Side Gate-Driver Output. DH1 swings from LX1 to BST1. Low in shutdown.
30
BST1
Boost Flying Capacitor Connection for the DH1 High-Side Gate Driver. An internal switch between VDD
and BST1 charges the flying capacitor during the time the low-side FET is on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com