Electronic Components Datasheet Search
  English  ▼

X  

MAX8772 Datasheet(PDF) 46 Page - Maxim Integrated Products

Part # MAX8772
Description  MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8772 Datasheet(HTML) 46 Page - Maxim Integrated Products

Back Button MAX8772 Datasheet HTML 39Page - Maxim Integrated Products MAX8772 Datasheet HTML 40Page - Maxim Integrated Products MAX8772 Datasheet HTML 41Page - Maxim Integrated Products MAX8772 Datasheet HTML 42Page - Maxim Integrated Products MAX8772 Datasheet HTML 43Page - Maxim Integrated Products MAX8772 Datasheet HTML 44Page - Maxim Integrated Products MAX8772 Datasheet HTML 45Page - Maxim Integrated Products MAX8772 Datasheet HTML 46Page - Maxim Integrated Products MAX8772 Datasheet HTML 47Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick-
PWM Controller for IMVP-6+ CPU Core Power Supplies
46
______________________________________________________________________________________
CONFIDENTIAL INFORMATION – RESTRICTED TO INTEL® IMVP-6 LICENSEES
power MOSFETs that require low-impedance gate
drivers to avoid shoot-through currents.
5) CSP_ and CSN_ connections for current limiting and
voltage positioning must be made using Kelvin-sense
connections to guarantee the current-sense accuracy.
6) When trade-offs in trace lengths must be made, it is
preferable to allow the inductor charging path to be
made longer than the discharge path. For example, it
is better to allow some extra distance between the
input capacitors and the high-side MOSFET than to
allow distance between the inductor and the low-side
MOSFET or between the inductor and the output filter
capacitor.
7) Route high-speed switching nodes away from sensi-
tive analog areas (REF, CCV, CCI, FB, CSP_, CSN_,
etc.).
Layout Procedure
Place the power components first, with ground terminals
adjacent (low-side MOSFET source, CIN, COUT, and D1
anode). If possible, make all these connections on the top
layer with wide, copper-filled areas:
Mount the controller IC adjacent to the low-side MOSFET.
The DL gate traces must be short and wide (50 mils to 100
mils wide if the MOSFET is 1in from the controller IC).Group
the gate-drive components (BST capacitors, VDD bypass
capacitor) together near the controller IC.
Make the DC-DC controller ground connections as shown
in the Standard Application Circuits. This diagram can be
viewed as having four separate ground planes: input/out-
put ground, where all the high-power components go; the
power ground plane, where the PGND pin and VDD
bypass capacitor go; the master’s analog ground plane
where sensitive analog components, the master’s GND
pin, and VCC bypass capacitor go; and the slave’s analog
ground plane where the slave’s GND pin and VCC bypass
capacitor go. The master’s GND plane must meet the
PGND plane only at a single point directly beneath the IC.
Similarly, the slave’s GND plane must meet the PGND
plane only at a single point directly beneath the IC. The
respective master and slave ground planes should con-
nect to the high-power output ground with a short metal
trace from PGND to the source of the low-side MOSFET
(the middle of the star ground). This point must also be
very close to the output capacitor ground terminal.
Connect the output power planes (VCORE and system
ground planes) directly to the output filter capacitor
positive and negative terminals with multiple vias. Place
the entire DC-DC converter circuit as close to the CPU
as is practical.
Chip Information
TRANSISTOR COUNT: 8990
PROCESS: BiCMOS
CSN2
CSN1
CSP1
VCC
BST2
CSP2
GNDS
FB
REF
DPRSLPVR
SHDN
D6
D5
D4
D3
D2
D1
D0
DPRSTP
GND
MAX8770
MAX8772
THIN QFN
6mm x 6mm
TOP VIEW
A "+" SIGN REPLACES THE FIRST PIN INDICATOR ON LEAD-FREE PACKAGES.
35
36
34
33
12
11
13
14
12
4
5
6
7
27
28
29
30
26
24 23
22
3
25
37
38
39
40
32
15
31
16
17
18
19
20
89
10
21
CSN12
CSP1
PHASEGD
VCC
BST2
CSP2
GNDS
FB
REF
DPRSLPVR
SHDN
D6
D5
D4
D3
D2
D1
D0
DPRSTP
GND
MAX8771
THIN QFN
6mm x 6mm
TOP VIEW
35
36
34
33
12
11
13
14
12
4
5
6
7
27
28
29
30
26
24 23
22
3
25
37
38
39
40
32
15
31
16
17
18
19
20
89
10
21
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com