Electronic Components Datasheet Search
  English  ▼

X  

MAX8772 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8772
Description  MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8772 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8772 Datasheet HTML 1Page - Maxim Integrated Products MAX8772 Datasheet HTML 2Page - Maxim Integrated Products MAX8772 Datasheet HTML 3Page - Maxim Integrated Products MAX8772 Datasheet HTML 4Page - Maxim Integrated Products MAX8772 Datasheet HTML 5Page - Maxim Integrated Products MAX8772 Datasheet HTML 6Page - Maxim Integrated Products MAX8772 Datasheet HTML 7Page - Maxim Integrated Products MAX8772 Datasheet HTML 8Page - Maxim Integrated Products MAX8772 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick-
PWM Controller for IMVP-6+ CPU Core Power Supplies
2
_______________________________________________________________________________________
CONFIDENTIAL INFORMATION – RESTRICTED TO INTEL® IMVP-6 LICENSEES
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1. VDD = VCC = VSHDN = VPSI = VDPRSTP = 5V, DPRSLPVR = GNDS = PGND_ = GND, VFB = VCCI = VCSP_ = VCSN_
= 1.200V, D0–D6 set for 1.20V (D0–D6 = 0001100). TA = 0°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, VDD to GND .....................................................-0.3V to +6V
D0–D6, CSP_ to GND...............................................-0.3V to +6V
CSN12 (MAX8771) to GND ......................................-0.3V to +6V
CSN_ (MAX8770/MAX8772) to GND........................-0.3V to +6V
PHASEGD (MAX8771) to GND.................................-0.3V to +6V
THRM, VRHOT, CLKEN to GND...............................-0.3V to +6V
TIME, PWRGD, POUT to GND ......................-0.3V to VCC + 0.3V
REF, FB, CCV, CCI to GND ..........................-0.3V to VCC + 0.3V
SHDN to GND (Note 1)...........................................-0.3V to +14V
TON to GND ...........................................................-0.3V to +30V
DPRSLPVR, DPRSTP, PSI to GND ...........................-0.3V to +6V
GNDS, PGND_ to GND .........................................-0.3V to +0.3V
DL_ to PGND_...............................................-0.3V to VDD + 0.3V
BST_ to GND ..........................................................-0.3V to +36V
LX_ to BST_ ..............................................................-6V to +0.3V
BST_ to VDD...........................................................-0.3V to +30V
DH_ to LX_ ..................................................-0.3V to VBST_ +0.3V
REF Short Circuit to GND ...........................................Continuous
Continuous Power Dissipation
40-Pin 6mm x 6mm Thin QFN
(derate 23.2mW/°C above +70°C) .............................2051mW
Operating Temperature Range .........................-40°C to +105°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: SHDN may be forced to 12V for the purpose of debugging prototype boards using the no-fault test mode, which disables
fault protection and disables overlapping operation.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWM CONTROLLER
Input Voltage Range
VCC, VDD
4.5
5.5
V
DAC codes from
0.8375V to 1.500V
-0.4
+0.4
%
DAC codes from
0.500V to 0.825V
-4
+4
DC Output-Voltage Accuracy
VOUT
Includes load-
regulation error
(Note 2)
DAC codes below
0.4875V
-10
+10
mV
Boot Voltage
VBOOT
1.19
1.20
1.21
V
GNDS Input Range
VGNDS
-200
+200
mV
GNDS Gain
AGNDS
∆VOUT/∆VGNDS, -200mV ≤ VGNDS ≤ +200mV
0.95
1.00
1.05
V/V
GNDS Input Bias Current
IGNDS
-25
-15
+2
µA
FB Input Bias Current
IFB
CSP_ = CSN_ for both enabled phases
-2
+2
µA
RTON = 96.75k
Ω
142
167
192
RTON = 200k
Ω
300
333
366
On-Time Accuracy (Note 3)
tON
VIN = 12V
VFB = VCCI = 1.2V
RTON = 303.25k
Ω
425
500
575
ns
TON Shutdown Input Current
SHDN = 0, VIN = 26V, VCC = VDD = 0 or 5V
0.01
0.1
µA
Minimum FB and CCI Voltages
for Pseudo-Fixed-Frequency
Operation
Switching frequency is reduced if FB and/or
CCI are less than this value
0.2
0.25
V
Minimum Off-Time
tOFF(MIN)
(Note 3)
300
375
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com