Electronic Components Datasheet Search
  English  ▼

X  

MAX8772 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8772
Description  MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8772 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8772 Datasheet HTML 1Page - Maxim Integrated Products MAX8772 Datasheet HTML 2Page - Maxim Integrated Products MAX8772 Datasheet HTML 3Page - Maxim Integrated Products MAX8772 Datasheet HTML 4Page - Maxim Integrated Products MAX8772 Datasheet HTML 5Page - Maxim Integrated Products MAX8772 Datasheet HTML 6Page - Maxim Integrated Products MAX8772 Datasheet HTML 7Page - Maxim Integrated Products MAX8772 Datasheet HTML 8Page - Maxim Integrated Products MAX8772 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick-
PWM Controller for IMVP-6+ CPU Core Power Supplies
4
_______________________________________________________________________________________
CONFIDENTIAL INFORMATION – RESTRICTED TO INTEL® IMVP-6 LICENSEES
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1. VDD = VCC = VSHDN = VPSI = VDPRSTP = 5V, DPRSLPVR = GNDS = PGND_ = GND, VFB = VCCI = VCSP_ = VCSN_
= 1.200V, D0–D6 set for 1.20V (D0–D6 = 0001100). TA = 0°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWRGD, PHASEGD Startup
Delay
tPWRGD
Measured at startup from the time when
CLKEN goes low
358
ms
Measured at FB with
respect to unloaded
output voltage
Lower threshold, falling
edge (undervoltage)
-350
-300
-250
CLKEN, PWRGD Threshold
15mV hysteresis (typ)
Upper threshold, rising
edge (overvoltage)
+150
+200
+250
mV
CLKEN, PWRGD, PHASEGD
Delay
FB forced 25mV outside the PWRGD trip
thresholds
10
µs
CLKEN, PWRGD, PHASEGD
Transition Blanking Time
tBLANK
Measured from the time when FB reaches the
target voltage based on the slew rate set by
RTIME
20
µs
PHASEGD Transition Blanking
Time
tPHASEGD
Number of DH2 pulses from when phase 2 is
enabled
32
Cycles
V(CCI, FB),
0.4V
≤ V(FB) ≤ 1.5V
Lower threshold,
0.6VFB nominal
-20
+20
PHASEGD Window
Comparator Thresholds
15mV hysteresis (typ)
Upper threshold,
1.4VFB nominal
-20
+20
mV
CLKEN, PWRGD, PHASEGD
Output Low Voltage
ISINK = 3mA
0.4
V
CLKEN, PWRGD, PHASEGD
Leakage Current
High state, CLKEN, PWRGD, PHASEGD forced
to 5V
1µA
VRHOT Trip Threshold
Measured at THRM, with respect to VCC; falling
edge, 115mV hysteresis (typ)
29.5
30
30.5
%
VRHOT Delay
tVRHOT
THRM forced 25mV below the VRHOT trip
threshold; falling edge
10
µs
VRHOT Output On-Resistance
RVRHOT
Low state
3.5
11
Ω
VRHOT Leakage Current
High state. VRHOT forced to 5V
1
µA
THRM Input Leakage
-100
+100
nA
VCC Undervoltage Lockout
Threshold
VUVLO(VCC)
Rising edge, 50mV hysteresis, DL_ pulled low
below this level
4.1
4.25
4.45
V
VCC Power-On Reset
Threshold
Falling edge, typical hysteresis = 1.1V, faults
cleared and DL_ forced high when VCC falls
below this level
1.8
V
Thermal Shutdown Threshold
TSHDN
Hysteresis = 15
°C
160
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com