Electronic Components Datasheet Search
  English  ▼

X  

MAX8772 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX8772
Description  MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8772 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX8772 Datasheet HTML 18Page - Maxim Integrated Products MAX8772 Datasheet HTML 19Page - Maxim Integrated Products MAX8772 Datasheet HTML 20Page - Maxim Integrated Products MAX8772 Datasheet HTML 21Page - Maxim Integrated Products MAX8772 Datasheet HTML 22Page - Maxim Integrated Products MAX8772 Datasheet HTML 23Page - Maxim Integrated Products MAX8772 Datasheet HTML 24Page - Maxim Integrated Products MAX8772 Datasheet HTML 25Page - Maxim Integrated Products MAX8772 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick-
PWM Controller for IMVP-6+ CPU Core Power Supplies
22
______________________________________________________________________________________
CONFIDENTIAL INFORMATION – RESTRICTED TO INTEL® IMVP-6 LICENSEES
CCI, allowing adjustment of the integration time con-
stant with a compensation network connected between
CCI and FB. The resulting compensation current and
voltage are determined by the following equations:
ICCI = GM (VCMP - VCMN) - GM (VCSP - VCSN)
VCCI = VFB + ICCIZCCI
where ZCCI is the impedance at the CCI output. The
secondary on-time one-shot uses this integrated signal
(VCCI) to set the secondary high-side MOSFETs on-
time. When the main and secondary current-sense sig-
nals (VCM = VCMP - VCMN and VCS = VCSP -VCSM)
become unbalanced, the transconductance amplifiers
adjust the secondary on-time, which increases or
decreases the secondary inductor current until the cur-
rent-sense signals are properly balanced:
= (Main On-Time)
+ (Secondary Current Balance Correction)
This algorithm results in a nearly constant switching fre-
quency and balanced inductor currents, despite the lack
of a fixed-frequency clock generator. The benefits of a
constant switching frequency are twofold: first, the fre-
quency can be selected to avoid noise-sensitive regions
such as the 455kHz IF band; second, the inductor ripple-
current operating point remains relatively constant,
resulting in easy design methodology and predictable
output voltage ripple. The on-time one-shots have good
accuracy at the operating points specified in the
Electrical Characteristics table. On-times at operating
points far removed from the conditions specified in the
Electrical Characteristics table can vary over a wider
range. For example, the 600kHz setting typically runs
about 5% slower, with inputs much greater than +12V
due to the very short on-times required.
On-times translate only roughly to switching frequen-
cies. The on-times guaranteed in the Electrical
Characteristics table are influenced by switching
delays in the external high-side MOSFET. Resistive
losses, including the inductor, both MOSFETs, output
capacitor ESR, and PC board copper losses in the out-
put and ground tend to raise the switching frequency at
higher output currents. Also, the dead-time effect
increases the effective on-time, reducing the switching
frequency. It occurs only during forced-PWM operation
and dynamic output-voltage transitions when the induc-
tor current reverses at light or negative load currents.
With reversed inductor current, the inductor’s EMF
causes LX to go high earlier than normal, extending the
on-time by a period equal to the DH-rising dead time.
For loads above the critical conduction point, where the
dead-time effect is no longer a factor, the actual switch-
ing frequency (per phase) is:
where VDIS is the sum of the parasitic voltage drops in
the inductor discharge path, including synchronous
rectifier, inductor, and PC board resistances; VCHG is
the sum of the parasitic voltage drops in the inductor
charge path, including high-side switch, inductor, and
PC board resistances; and tON is the on-time as deter-
mined above.
Current Sense
The output current of each phase is sensed. Low-offset
amplifiers are used for current balance, voltage-posi-
tioning gain, and current limit. Sensing the current at
the output of each phase offers advantages, including
less noise sensitivity, more accurate current sharing
between phases, and the flexibility of using either a
current-sense resistor or the DC resistance of the out-
put inductor.
Using the DC resistance (RDCR) of the output inductor
allows higher efficiency. In this configuration, the initial
tolerance and temperature coefficient of the inductor’s
DCR must be accounted for in the output-voltage
droop-error budget and power monitor. This current-
sense method uses an RC filtering network to extract
the current information from the output inductor (see
Figure 3). The resistive divider used should provide a
current-sense resistance (RCS) low enough to meet the
current-limit requirements, and the time constant of the
RC network should match the inductor’s time constant
(L/RCS):
where RCS is the required current-sense resistance,
and RDCR is the inductor’s series DC resistance. Use
the worst-case inductance and RDCR values provided
by the inductor manufacturer, adding some margin for
the inductance drop over temperature and load. To
R
R
RR
R
and
R
L
CR
R
CS
DCR
CS
EQ
=
+
⎛
⎝⎜
⎞
⎠⎟
=+
⎡
⎣⎢
⎤
⎦⎥
2
12
1
1
1
2
f
VV
tV
V
V
SW
OUT
DIS
ON
IN
DIS
CHG
=
+
()
+−
()
tT
VV
V
T
VV
V
T
IZ
V
ON SEC
SW
CCI
IN
SW
FB
IN
SW
CCI CCI
IN
()
.
.
=
+
⎛
⎝⎜
⎞
⎠⎟
=
+
⎛
⎝⎜
⎞
⎠⎟
+
⎛
⎝⎜
⎞
⎠⎟
0 075
0 075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com