Electronic Components Datasheet Search
  English  ▼

X  

MAX8772 Datasheet(PDF) 35 Page - Maxim Integrated Products

Part # MAX8772
Description  MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8772 Datasheet(HTML) 35 Page - Maxim Integrated Products

Back Button MAX8772 Datasheet HTML 31Page - Maxim Integrated Products MAX8772 Datasheet HTML 32Page - Maxim Integrated Products MAX8772 Datasheet HTML 33Page - Maxim Integrated Products MAX8772 Datasheet HTML 34Page - Maxim Integrated Products MAX8772 Datasheet HTML 35Page - Maxim Integrated Products MAX8772 Datasheet HTML 36Page - Maxim Integrated Products MAX8772 Datasheet HTML 37Page - Maxim Integrated Products MAX8772 Datasheet HTML 38Page - Maxim Integrated Products MAX8772 Datasheet HTML 39Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick-
PWM Controller for IMVP-6+ CPU Core Power Supplies
______________________________________________________________________________________
35
CONFIDENTIAL INFORMATION – RESTRICTED TO INTEL® IMVP-6 LICENSEES
ing the inductor value. Generally, low inductor values
produce a broader efficiency vs. load curve, while
higher values result in higher full-load efficiency
(assuming that the coil resistance remains fixed) and
less output-voltage ripple. Penalties for using higher
inductor values include larger physical size and
degraded load-transient response, especially at low
input-voltage levels.
Power-Up Sequence (POR, UVLO)
The MAX8770/MAX8771/MAX8772 are enabled when
SHDN is driven high (Figure 9). The reference powers
up first. Once the reference exceeds its UVLO thresh-
old, the internal analog blocks are turned on and
masked by a 150µs one-shot delay. The PWM con-
troller then begins switching.
Power-on reset (POR) occurs when VCC rises above
approximately 2V, resetting the fault latch and prepar-
ing the controller for operation. The VCC UVLO circuitry
Figure 9. Power-Up and Shutdown Sequence Timing Diagram
FORCED PWM
tBLANK
20
µs TYP
tBLANK
60
µs TYP
tBLANK
5ms TYP
tBLANK
20
µs TYP
VID (D0–D6)
VCORE
PWRGD
INTERNAL
PWM CONTROL
PHASEGD
VCC
SOFT-START =
1/8th SLEW RATE SET
BY RTIME
SHDN
INVALID
CODE
INVALID
CODE
FORCED PWM
CLKEN
SOFT-SHUTDOWN =
1/8th SLEW RATE SET
BY RTIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com