Electronic Components Datasheet Search
  English  ▼

X  

MAX8772 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8772
Description  MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8772 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8772 Datasheet HTML 1Page - Maxim Integrated Products MAX8772 Datasheet HTML 2Page - Maxim Integrated Products MAX8772 Datasheet HTML 3Page - Maxim Integrated Products MAX8772 Datasheet HTML 4Page - Maxim Integrated Products MAX8772 Datasheet HTML 5Page - Maxim Integrated Products MAX8772 Datasheet HTML 6Page - Maxim Integrated Products MAX8772 Datasheet HTML 7Page - Maxim Integrated Products MAX8772 Datasheet HTML 8Page - Maxim Integrated Products MAX8772 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick-
PWM Controller for IMVP-6+ CPU Core Power Supplies
_______________________________________________________________________________________
3
CONFIDENTIAL INFORMATION – RESTRICTED TO INTEL® IMVP-6 LICENSEES
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1. VDD = VCC = VSHDN = VPSI = VDPRSTP = 5V, DPRSLPVR = GNDS = PGND_ = GND, VFB = VCCI = VCSP_ = VCSN_
= 1.200V, D0–D6 set for 1.20V (D0–D6 = 0001100). TA = 0°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RTIME = 71.5k
Ω (12.5mV/µs nominal)
-10
+10
RTIME = 35.7k
Ω (25mV/µs nominal) to 178kΩ
(5mV/µs nominal)
-15
+15
DPRSTP = high, DPRSLPVR = high,
RTIME = 35.7k
Ω to 178kΩ, SR = 6.25mV/µs
nominal to 1.25mV/µs nominal
-20
+20
TIME Slew-Rate Accuracy
Startup and shutdown, RTIME = 35.7k
Ω
(3.125mV/µs nominal) to 178k
Ω
(0.625mV/µs nominal)
-20
+20
%
BIAS AND REFERENCE
Quiescent Supply Current (VCC)
ICC
Measured at VCC, FB forced above the
regulation point, DPRSLPVR = VCC
510
mA
Quiescent Supply Current (VDD)
IDD
Measured at VDD, FB forced above the
regulation point, DPRSLPVR = VCC
0.01
1
µA
Shutdown Supply Current (VCC)
ICC(SHDN)
Measured at VCC, SHDN = GND
0.01
1
µA
Shutdown Supply Current (VDD)
IDD(SHDN)
Measured at VDD, SHDN = GND
0.01
1
µA
Reference Voltage
VREF
VCC = 4.5V to 5.5V, IREF = 0
1.986
2.000
2.014
V
IREF = 0 to 500µA
-2
-0.2
Reference Load Regulation
∆VREF
IREF = -100µA to 0
0.21
6.2
mV
FAULT PROTECTION
Measured at FB with respect to unloaded
output voltage; rising edge;
PWM mode or skip mode after output reaches
the regulation voltage
250
300
350
mV
Skip mode and output
have not reached the
regulation voltage
1.75
1.80
1.85
Output Overvoltage Protection
Threshold
(MAX8770/MAX8771 Only)
VOVP
Measured at FB;
rising edge
Minimum OVP threshold
0.8
V
Output Overvoltage-
Propagation Delay
(MAX8770/MAX8771 Only)
tOVP
FB forced 25mV above trip threshold
10
µs
Output Undervoltage
Protection Threshold
VUVP
Measured at FB with respect to unloaded
output voltage
-450
-400
-350
mV
Output Undervoltage
Propagation Delay
tUVP
FB forced 25mV below trip threshold
10
µs
CLKEN Startup Delay
(Boot Time Period)
tBOOT
Measured from the time when FB reaches the
boot target voltage based on the slew rate set
by RTIME
20
60
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com