Electronic Components Datasheet Search
  English  ▼

X  

MAX8772 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX8772
Description  MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8772 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX8772 Datasheet HTML 28Page - Maxim Integrated Products MAX8772 Datasheet HTML 29Page - Maxim Integrated Products MAX8772 Datasheet HTML 30Page - Maxim Integrated Products MAX8772 Datasheet HTML 31Page - Maxim Integrated Products MAX8772 Datasheet HTML 32Page - Maxim Integrated Products MAX8772 Datasheet HTML 33Page - Maxim Integrated Products MAX8772 Datasheet HTML 34Page - Maxim Integrated Products MAX8772 Datasheet HTML 35Page - Maxim Integrated Products MAX8772 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick-
PWM Controller for IMVP-6+ CPU Core Power Supplies
32
______________________________________________________________________________________
CONFIDENTIAL INFORMATION – RESTRICTED TO INTEL® IMVP-6 LICENSEES
Figure 6. Slow C4 Transition
DPRSLPVR
DPRSTP
INTERNAL
PWM CONTROL
DH1
OVP
CPU CORE
VOLTAGE
INTERNAL
TARGET
ACTUAL VOUT
PSI
VID (D0–D6)
ACTIVE VID
LFM VID
DPRSLP VID
DH2
tBLANK
20
µs TYP
tBLANK
20
µs TYP
SET TO 1.75V MIN
TRACKS INTERNAL TARGET
NO PULSES: VOUT > VTARGET
1-PHASE SKIP (DH1 ACTIVE, DL2 FORCED LOW)
1-PHASE FORCED PWM
LFM VID
PWRGD
CLKEN
PHASEGD
BLANK LOW
BLANK HIGH-Z
BLANK HIGH THRESHOLD ONLY
BLANK HIGH THRESHOLD ONLY
BLANK HIGH-Z
BLANK LOW
DEEPER SLEEP VID
DO NOT CARE (DPRSLPVR DOMINATES STATE)
BLANK HIGH-Z (1-PHASE OPERATION)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com