Electronic Components Datasheet Search
  English  ▼

X  

MAX8772 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX8772
Description  MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8772 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX8772 Datasheet HTML 16Page - Maxim Integrated Products MAX8772 Datasheet HTML 17Page - Maxim Integrated Products MAX8772 Datasheet HTML 18Page - Maxim Integrated Products MAX8772 Datasheet HTML 19Page - Maxim Integrated Products MAX8772 Datasheet HTML 20Page - Maxim Integrated Products MAX8772 Datasheet HTML 21Page - Maxim Integrated Products MAX8772 Datasheet HTML 22Page - Maxim Integrated Products MAX8772 Datasheet HTML 23Page - Maxim Integrated Products MAX8772 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick-
PWM Controller for IMVP-6+ CPU Core Power Supplies
20
______________________________________________________________________________________
CONFIDENTIAL INFORMATION – RESTRICTED TO INTEL® IMVP-6 LICENSEES
S
R
Q
R
S
Q
TRIG
Q
ONE-SHOT
PGND1
DL1
BST1
DH1
LX1
CCV
TON
CSP1
CSN1
MINIMUM
OFF-TIME
VCC
REF
GND
PWRGD
5ms
STARTUP
DELAY
TARGET
- 300mV
TARGET
+ 200mV
REF
(2.0V)
SHDN
TRIG
Q
ONE-SHOT
PHASE 1
ON-TIME
CSP2
CSN2
TRIG
Q
ONE-SHOT
PHASE 2
ON-TIME
PHASE CONTROL
FB
VDD
CSP2
CSN2
CSN1
CSP1
CCI
FB
BLANK
QQ
T
BST2
DH2
LX2
DL2
CSP1
CSN1
2.5mV
MAIN PHASE
DRIVERS
Gm(CCV)
Gm(CCI)
CSP_
CSN_
Gm(FB)
D0–D6
22.5mV
22.5mV
x2
CLKEN
VRHOT
THRM
0.3 x VCC
GNDS
PHASEGD
CURRENT-
BALANCE-
FAULT
POUT
POWER
MONITOR
CSP1 - CSN1
CSN1 - GNDS
CSP2 - CSN2
PGND2
60
µs
STARTUP
DELAY
Gm(CCI)
DAC
R-TO-I
CONVERTER
TIME
FAULT
REF
DPRSLPVR
DPRSTP
5ms
STARTUP
DELAY
BLANK
SECONDARY
PHASE DRIVERS
MAX8770
MAX8771
MAX8772
Figure 2. Functional Block Diagram
MAX8770/MAX8771/MAX8772
Detailed Description
Free-Running, Constant On-Time PWM
Controller with Input Feed-Forward
The Quick-PWM control architecture is a pseudo-fixed-
frequency, constant-on-time, current-mode regulator
with voltage feed-forward (Figure 2). This architecture
relies on the output filter capacitor’s ESR to act as the
current-sense resistor, so the output ripple voltage pro-
vides the PWM ramp signal. The control algorithm is sim-
ple: the high-side switch on-time is determined solely by
a one-shot whose period is inversely proportional to
input voltage, and directly proportional to output voltage
or the difference between the main and secondary
inductor currents (see the On-Time One-Shot section).
Another one-shot sets a minimum off-time. The on-time
one-shot triggers when the error comparator goes low,
the inductor current of the selected phase is below the
valley current-limit threshold, and the minimum off-time
one-shot times out. The controller maintains 180
° out-of-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com