Electronic Components Datasheet Search
  English  ▼

X  

MAX8772 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX8772
Description  MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8772 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX8772 Datasheet HTML 20Page - Maxim Integrated Products MAX8772 Datasheet HTML 21Page - Maxim Integrated Products MAX8772 Datasheet HTML 22Page - Maxim Integrated Products MAX8772 Datasheet HTML 23Page - Maxim Integrated Products MAX8772 Datasheet HTML 24Page - Maxim Integrated Products MAX8772 Datasheet HTML 25Page - Maxim Integrated Products MAX8772 Datasheet HTML 26Page - Maxim Integrated Products MAX8772 Datasheet HTML 27Page - Maxim Integrated Products MAX8772 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick-
PWM Controller for IMVP-6+ CPU Core Power Supplies
24
______________________________________________________________________________________
CONFIDENTIAL INFORMATION – RESTRICTED TO INTEL® IMVP-6 LICENSEES
Current Balance
Without active current-balance circuitry, the current
matching between phases depends on the MOSFETs’
on-resistance (RDS(ON)), thermal ballasting, on/off-time
matching, and inductance matching. For example, vari-
ation in the low-side MOSFET on-resistance (ignoring
thermal effects) results in a current mismatch that is
proportional to the on-resistance difference:
However, mismatches between on-times, off-times, and
inductor values increase the worst-case current imbal-
ance, making it impossible to passively guarantee
accurate current balancing.
The MAX8770/MAX8771/MAX8772 integrate the differ-
ence between the current-sense voltages and adjust the
on-time of the secondary phase to maintain current bal-
ance. The current balance now relies on the accuracy of
the current-sense resistors instead of the inaccurate, ther-
mally sensitive on-resistance of the low-side MOSFETs.
With active current balancing, the current mismatch is
determined by the current-sense resistor values and the
offset voltage of the transconductance amplifiers:
where RSENSE = RCM = RCS and VOS(IBAL) is the cur-
rent-balance offset specification in the Electrical
Characteristics table .
The worst-case current mismatch occurs immediately
after a load transient due to inductor value mismatches
resulting in different di/dt for the two phases. The time it
takes the current-balance loop to correct the transient
imbalance depends on the mismatch between the
inductor values and switching frequency.
Current Limit
The current-limit circuit employs a unique “valley” cur-
rent-sensing algorithm that uses current-sense resistors
between the current-sense inputs (CSP_ to CSN12 for
MAX8771, CSP_ to CSN_ for MAX8770/MAX8772) as
the current-sensing elements. If the current-sense sig-
nal of the selected phase is above the current-limit
threshold, the PWM controller does not initiate a new
cycle until the inductor current of the selected phase
drops below the valley current-limit threshold. When
either phase trips the current limit, both phases are
effectively current limited since the interleaved con-
troller does not initiate a cycle with either phase.
Since only the valley current is actively limited, the actu-
al peak current is greater than the current-limit threshold
by an amount equal to the inductor ripple current.
Therefore, the exact current-limit characteristic and
maximum load capability are a function of the current-
sense resistance, inductor value, and battery voltage.
When combined with the UVP circuit, this current-limit
method is effective in almost every circumstance.
The positive current-limit threshold is fixed internally at
22.5mV. There is also a negative current limit that pre-
vents excessive reverse inductor currents when VOUT
is sinking current. The negative current-limit threshold
is set at -30mV. When a phase drops below the nega-
tive current limit, the controller immediately activates an
on-time pulse—DL turns off, and DH turns on—allowing
the inductor current to remain above the negative cur-
rent threshold.
Carefully observe the PC board layout guidelines to
ensure that noise and DC errors do not corrupt the cur-
rent-sense signals seen by the current-sense inputs
(CSP_, CSN_). For the MAX8771, where the negative
current-sense returns are to a common pin, it is recom-
mended that the current-sense elements (sense resis-
tor or inductor DCR) be placed close to each other to
minimize any voltage differences that might arise due
to trace impedance between the two common nodes.
Feedback Adjustment Amplifiers
Voltage-Positioning Amplifier
(Steady-State Droop)
The MAX8770/MAX8771/MAX8772 include a transcon-
ductance amplifier for adding gain to the voltage-posi-
tioning sense path. The amplifier’s input is generated
by summing the current-sense inputs, which differen-
tially sense the voltage across either current-sense
resistors or the inductor’s DCR. The amplifier’s output
connects directly to the regulator’s voltage-positioned
feedback input (FB), so the resistance between FB and
the output-voltage sense point determines the voltage-
positioning gain:
VOUT = VTARGET - RFBIFB
where the target voltage (VTARGET) is defined in the
Nominal Output Voltage Selection section, and the FB
amplifier’s output current (IFB) is determined by the
sum of the current-sense voltages:
where VCS = VCSP - VCSN is the differential current-
sense voltage, and Gm(FB) is typically 600µS as defined
in the Electrical Characteristics table.
IG
V
FB
m FB
CSX
X
PH
=
∑
=
()
1
η
II
I
V
R
OS IBAL
LMAIN
LSEC
OS IBAL
SENSE
()
()
=−
=
II
I
R
R
MAIN
SEC
MAIN
MAIN
SEC
−=
−
⎛
⎝⎜
⎞
⎠⎟
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com