Electronic Components Datasheet Search
  English  ▼

X  

MAX8772 Datasheet(PDF) 40 Page - Maxim Integrated Products

Part # MAX8772
Description  MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8772 Datasheet(HTML) 40 Page - Maxim Integrated Products

Back Button MAX8772 Datasheet HTML 36Page - Maxim Integrated Products MAX8772 Datasheet HTML 37Page - Maxim Integrated Products MAX8772 Datasheet HTML 38Page - Maxim Integrated Products MAX8772 Datasheet HTML 39Page - Maxim Integrated Products MAX8772 Datasheet HTML 40Page - Maxim Integrated Products MAX8772 Datasheet HTML 41Page - Maxim Integrated Products MAX8772 Datasheet HTML 42Page - Maxim Integrated Products MAX8772 Datasheet HTML 43Page - Maxim Integrated Products MAX8772 Datasheet HTML 44Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick-
PWM Controller for IMVP-6+ CPU Core Power Supplies
40
______________________________________________________________________________________
CONFIDENTIAL INFORMATION – RESTRICTED TO INTEL® IMVP-6 LICENSEES
Output Capacitor Selection
The output filter capacitor must have low enough ESR to
meet output ripple and load-transient requirements, yet
have high enough ESR to satisfy stability requirements.
In CPU VCORE converters and other applications where
the output is subject to large load transients, the output
capacitor’s size typically depends on how much ESR is
needed to prevent the output from dipping too low
under a load transient. Ignoring the sag due to finite
capacitance:
In non-CPU applications, the output capacitor’s size
often depends on how much ESR is needed to maintain
an acceptable level of output ripple voltage. The output
ripple voltage of a step-down controller equals the total
inductor ripple current multiplied by the output capaci-
tor’s ESR. When operating multiphase systems out-of-
phase, the peak inductor currents of each phase are
staggered, resulting in lower output ripple voltage by
reducing the total inductor ripple current. For multi-
phase operation, the maximum ESR to meet ripple
requirements is:
where
ηTOTAL is the total number of active phases and
fSW is the switching frequency per phase. The actual
capacitance value required relates to the physical size
needed to achieve low ESR, as well as to the chemistry
of the capacitor technology. Thus, the capacitor is usu-
ally selected by ESR and voltage rating rather than by
capacitance value (this is true of polymer types).
When using low-capacity ceramic filter capacitors,
capacitor size is usually determined by the capacity
needed to prevent VSAG and VSOAR from causing
problems during load transients. Generally, once
enough capacitance is added to meet the overshoot
requirement, undershoot at the rising load edge is no
longer a problem (see the VSAG and VSOAR equations
in the Transient Response section).
Output Capacitor Stability Considerations
For Quick-PWM controllers, stability is determined by
the value of the ESR zero relative to the switching
frequency. The boundary of instability is given by the
following equation:
where:
where COUT is the total output capacitance, RESR is the
total ESR, RSENSE is the current-sense resistance (RCM
= RCS), RDROOP is the voltage-positioning gain, and
RPCB is the parasitic board resistance between the out-
put capacitors and sense resistors.
For a standard 300kHz application, the ESR zero fre-
quency must be well below 95kHz, preferably below
50kHz. Tantalum, Sanyo POSCAP, and Panasonic SP
capacitors in widespread use at the time of publication
have typical ESR zero frequencies below 50kHz. In the
standard application circuit, the ESR needed to support
a 30mVP-P ripple is 30mV/(40A x 0.3) = 2.5m
Ω. Four
330µF/2.5V Panasonic SP (type SX) capacitors in paral-
lel provide 1.5m
Ω (max) ESR. With a 2mΩ droop and
0.5m
Ω PC board resistance, the typical combined ESR
results in a zero at 30kHz.
Ceramic capacitors have a high ESR zero frequency,
but applications with significant voltage positioning can
take advantage of their size and low ESR. Do not put
high-value ceramic capacitors directly across the output
without verifying that the circuit contains enough voltage
positioning and series PC board resistance to ensure
stability. When only using ceramic output capacitors,
output overshoot (VSOAR) typically determines the mini-
mum output capacitance requirement. Their relatively
low capacitance value can cause output overshoot
when stepping from full-load to no-load conditions,
unless a small inductor value is used (high switching
frequency) to minimize the energy transferred from
inductor to capacitor during load-step recovery. The
efficiency penalty for operating at 600kHz is approxi-
mately 5% when compared to the 300kHz circuit, pri-
marily due to the high-side MOSFET switching losses.
f
RC
and
RRR
R
ESR
EFF OUT
EFF
ESR
DROOP
PCB
=
=+
+
1
2
π
f
f
ESR
SW
≤
π
R
Vf
L
VV
V
V
ESR
IN SW
IN
TOTAL OUT
OUT
RIPPLE
≤
−
()
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
η
RR
V
I
ESR
PCB
STEP
LOAD MAX
()
+
() ≤
∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com