Electronic Components Datasheet Search
  English  ▼

X  

MAX8772 Datasheet(PDF) 38 Page - Maxim Integrated Products

Part # MAX8772
Description  MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8772 Datasheet(HTML) 38 Page - Maxim Integrated Products

Back Button MAX8772 Datasheet HTML 34Page - Maxim Integrated Products MAX8772 Datasheet HTML 35Page - Maxim Integrated Products MAX8772 Datasheet HTML 36Page - Maxim Integrated Products MAX8772 Datasheet HTML 37Page - Maxim Integrated Products MAX8772 Datasheet HTML 38Page - Maxim Integrated Products MAX8772 Datasheet HTML 39Page - Maxim Integrated Products MAX8772 Datasheet HTML 40Page - Maxim Integrated Products MAX8772 Datasheet HTML 41Page - Maxim Integrated Products MAX8772 Datasheet HTML 42Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick-
PWM Controller for IMVP-6+ CPU Core Power Supplies
38
______________________________________________________________________________________
CONFIDENTIAL INFORMATION – RESTRICTED TO INTEL® IMVP-6 LICENSEES
MAX8771/MAX8772 interprets the MOSFET gates as
“off” while charge actually remains. Use very short,
wide traces (50 mils to 100 mils wide if the MOSFET is
1in from the driver).
The internal pulldown transistor that drives DL low is
robust, with a 0.25
Ω (typ) on-resistance. This helps pre-
vent DL from being pulled up due to capacitive cou-
pling from the drain to the gate of the low-side
MOSFETs when the inductor node (LX) quickly switch-
es from ground to VIN. Applications with high-input volt-
ages and long inductive driver traces may require
rising LX edges that do not pull up the low-side
MOSFETs’ gate, causing shoot-through currents. The
capacitive coupling between LX and DL created by the
MOSFET’s gate-to-drain capacitance (CRSS), gate-to-
source capacitance (CISS - CRSS), and additional
board parasitics should not exceed the following mini-
mum threshold:
Typically, adding a 4700pF between DL and power
ground (CNL in Figure 10), close to the low-side
MOSFETs, greatly reduces coupling. Do not exceed
22nF of total gate capacitance to prevent excessive
turn-off delays.
Alternatively, shoot-through currents may be caused by
a combination of fast high-side MOSFETs and slow low-
side MOSFETs. If the turn-off delay time of the low-side
MOSFET is too long, the high-side MOSFETs can turn
on before the low-side MOSFETs have actually turned
off. Adding a resistor less than 5
Ω in series with BST
slows down the high-side MOSFET turn-on time, elimi-
nating the shoot-through currents without degrading
the turn-off time (RBST in Figure 10). Slowing down the
high-side MOSFET also reduces the LX node rise time,
thereby reducing EMI and high-frequency coupling
responsible for switching noise.
Multiphase Quick-PWM
Design Procedure
Firmly establish the input voltage range and maximum
load current before choosing a switching frequency
and inductor operating point (ripple-current ratio). The
primary design trade-off lies in choosing a good switch-
ing frequency and inductor operating point, and the fol-
lowing four factors dictate the rest of the design:
• Input voltage range: The maximum value (VIN(MAX))
must accommodate the worst-case high-AC adapter
voltage. The minimum value (VIN(MIN)) must account
for the lowest input voltage after drops due to con-
nectors, fuses, and battery selector switches. If there
is a choice at all, lower input voltages result in better
efficiency.
• Maximum load current: There are two values to
consider. The peak load current (ILOAD(MAX)) deter-
mines the instantaneous component stresses and fil-
tering requirements, and thus drives output capacitor
selection, inductor saturation rating, and the design
of the current-limit circuit. The continuous load cur-
rent (ILOAD) determines the thermal stresses and
thus drives the selection of input capacitors,
MOSFETs, and other critical heat-contributing com-
ponents. Modern notebook CPUs generally exhibit
ILOAD = ILOAD(MAX) x 80%.
For multiphase systems, each phase supports a frac-
tion of the load, depending on the current balancing.
When properly balanced, the load current is evenly dis-
tributed among each phase:
where
ηTOTAL is the total number of active phases.
I
I
LOAD PHASE
LOAD
TOTAL
() = η
VV
C
C
GS TH
IN
RSS
ISS
() >
⎛
⎝⎜
⎞
⎠⎟
BST
DH
LX
(RBST)*
INPUT (VIN)
CBST
NH
CBYP
L
(RBST)* OPTIONAL—THE RESISTOR LOWERS EMI BY DECREASING THE
SWITCHING NODE RISE TIME.
(CNL)* OPTIONAL—THE CAPACITOR REDUCES LX TO DL CAPACITIVE
COUPLING THAT CAN CAUSE SHOOT-THROUGH CURRENTS
DL
PGND
NL
(CNL)*
VDD
Figure 10. Gate Drive Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com