Electronic Components Datasheet Search
  English  ▼

X  

TRF1221 Datasheet(PDF) 4 Page - Texas Instruments

Part # TRF1221
Description  Dual VCO/PLL Synthesizer With IF Up-Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1221 Datasheet(HTML) 4 Page - Texas Instruments

  TRF1221 Datasheet HTML 1Page - Texas Instruments TRF1221 Datasheet HTML 2Page - Texas Instruments TRF1221 Datasheet HTML 3Page - Texas Instruments TRF1221 Datasheet HTML 4Page - Texas Instruments TRF1221 Datasheet HTML 5Page - Texas Instruments TRF1221 Datasheet HTML 6Page - Texas Instruments TRF1221 Datasheet HTML 7Page - Texas Instruments TRF1221 Datasheet HTML 8Page - Texas Instruments TRF1221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
UPCONVERTER CHARACTERISTICS
TRF1121
TRF1221
SLWS170A – APRIL 2005 – REVISED DECEMBER 2005
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
DC supply voltage
0 to 5.5
V
ICC
DC supply current
270
mA
Pin
RF input power
20
dBm
TJ
Junction temperature
150
°C
Pdiss
Power dissipation
1.5
W
Digital input voltage
–0.3 to VCC+0.3
V
Analog input voltage
VCC
V
θ
JC
Thermal resistance junction-to-ambien(1)
25
°C/W
Tstg
Storage temperature
–40 to 105
°C
Top
Operating temperature
–40 to 85
°C
Lead temperature, 40 Sec Max
260
°C
(1)
Thermal resistance is junction-to-ambient assuming thermal pad with nine thermal vias under package metal base. See the
recommended PCB layout.
The characteristics listed in the following tables are at V
CC = 5 V, TA = 25°C(unless otherwise noted)
DC CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
DC supply voltage
TA = 25°C
4.8
5.2
V
ICC_TxON
TA = 25°C, TXON enabled
180
Supply current
mA
ICC_TxOFF
TA = 25°C, TXON disabled
130
Input signal 500 mVpp, V
CC = 5 V, 25°C, IF1 = 26 MHz, IF2 = 325 MHz unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FIF1
Input center frequency
See Figure 3
26
MHz
FIF2
Output frequency range
270
400
MHz
VBB
Input signal level
Peak-to-peak differential
500
1000
mV
ZIF1
Input IF1 differential impedance
See Application Note TDB
2
kW
Measured at IF2 (IF2OP,IF2ON) With 500-mVpp
Pout
Output power (maximum gain)
differential input to IF1(BBIP,BBIN) and
0
dBm
GAIN[4:0] = 11111
Measured at IF2 (IF2OP,IF2ON) With 500-mVpp
Output power (minimum gain)
differential input to IF1(BBIP,BBIN),
–32
dBm
GAIN[4:0] = 00000
∆G
max
Gain flatness
300 MHz < IF2 < 330 MHz
±0.3
dB
∆P
STEP
Gain step size
0.7
1
1.3
dB
OP1dB
Output power a 1-dB gain compression
GAIN[4:0] = 11111
12
dBm
OIP3
Output third order intercept
For any gain setting
24
dBm
IR
Image rejection
IF1 = 15 to 45 MHz
–30
dBc
At GAIN[4:0] = 11111 decreases dB for dB as gain
PLO1
LO1 leakage
–36
dBm
state is changed
At max gain (GAIN[4:0]=11111), no worse then
NF
Input noise figure
27
dB
1-dB degradation per 1 dB of attenuation
ZIF2
Output RF impedance
Differential
100
Ω
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com