Electronic Components Datasheet Search
  English  ▼

X  

TRF1221 Datasheet(PDF) 24 Page - Texas Instruments

Part # TRF1221
Description  Dual VCO/PLL Synthesizer With IF Up-Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1221 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TRF1221 Datasheet HTML 18Page - Texas Instruments TRF1221 Datasheet HTML 19Page - Texas Instruments TRF1221 Datasheet HTML 20Page - Texas Instruments TRF1221 Datasheet HTML 21Page - Texas Instruments TRF1221 Datasheet HTML 22Page - Texas Instruments TRF1221 Datasheet HTML 23Page - Texas Instruments TRF1221 Datasheet HTML 24Page - Texas Instruments TRF1221 Datasheet HTML 25Page - Texas Instruments TRF1221 Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
www.ti.com
DIMENSIONS in mm
16 VIA HOLES, EACH 0.38 mm.
SOLDER MASK: NO SOLDERMASK UNDER CHIP, ON LEAD PADS
OR ON GROUND CONNECTIONS.
1.27 TYP
1.27
TYP
0.60 TYP
5.50
0.50 TYP
0.45 TYP
5.30
5.30
5.50
DIA 0.38
TYP
0.25 TYP
PIN 1
TRF1121
TRF1221
SLWS170A – APRIL 2005 – REVISED DECEMBER 2005
Figure 25. PCB Layout Mask for TRF1121/TRF1221
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com