Electronic Components Datasheet Search
  English  ▼

X  

TRF1221 Datasheet(PDF) 11 Page - Texas Instruments

Part # TRF1221
Description  Dual VCO/PLL Synthesizer With IF Up-Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1221 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TRF1221 Datasheet HTML 7Page - Texas Instruments TRF1221 Datasheet HTML 8Page - Texas Instruments TRF1221 Datasheet HTML 9Page - Texas Instruments TRF1221 Datasheet HTML 10Page - Texas Instruments TRF1221 Datasheet HTML 11Page - Texas Instruments TRF1221 Datasheet HTML 12Page - Texas Instruments TRF1221 Datasheet HTML 13Page - Texas Instruments TRF1221 Datasheet HTML 14Page - Texas Instruments TRF1221 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
A[7]=MSB
A[6]
A[5]
D[1]
Data
Clock
EN
E
PWH
C
PWL
C
PWH
D[0] LSB
A[4]
CD
I
D
VC
CE
L
E
LC
Fout
+ REFIN
8
(N
) 3) * S *
F
18
[2
M]
(1)
Fout
+ REFIN
8
(N
) 3) * S *
F
18
(2)
TRF1121
TRF1221
SLWS170A – APRIL 2005 – REVISED DECEMBER 2005
Figure 7. Serial Interface Timing Diagram
Data is written to the PLLs according to the format in Figure 8.
MSB
Byte 1
LSB
MSB
Byte 2
LSB
MSB
Byte 3
LSB
Address
Data
A[7]
A[6]
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
D[15]
D[14]
D[13]
D[12]
D[11]
D[10]
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
1
0
0
0
0
0
0
0
0
0
Synth #1 N divider
Synth #1 S counter
Synth #1 F counter
1
0
0
0
0
0
0
1
0
0
Synth #2 N divider
Synth #2 S counter
Synth #2 F counter
1
0
0
0
0
1
0
0
0
0
0
0
0
0
0
PS
0
0
0
0
0
0
0
0
all other addresses reserved for future expansion
Figure 8. Serial Interface Data Format
The first eight bits are the appropriate address for the instruction set and the remaining 16 bits are the
instructions. The data is 24 bits long (3 bytes). Byte 1 is the address with A[7] being the MSB and A[0] being the
LSB. Byte 2 and 3 program the IC with synthesizer information and PS (Polarity Select Bit) information. D[15] is
the MSB and D[8] the LSB. The PS bit selects which edge of the reference is used for frequency comparison.
Improved spurious and phase noise is achieved by selecting the edge with the fastest rise or fall time. If PS = 1
the rising edge is used as the reference. If PS = 0, the falling edge is used.
Figure 7 needs to be sent to the TRF1121 / TRF1221 to fully program the Synthesizers #1 and #2 and the PS
bit. Once the synthesizers and the PS bit are fully programmed, the clock signal should be turned off to eliminate
any clock-related spurious signals.
The LO1 (UHF oscillator) frequency of oscillation is set by Equation 1:
where M = 10 for TRF1121 and 8 for 1221
The TRF1121/TRF1221 contains two independent S-band VCOs and resonator circuits to provide additional
frequency range from one IC, however only one VCO can be enabled at a time. These two VCOs are referred to
as VCO2A and VCO2B (see the block diagram). The S-band PLL (LO2A or LO2B) frequency of oscillation is set
by the following equation:
where F has a range of 0 to 17. Both N and S have ranges that are limited more by the LO range than by their
digital count.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com