Electronic Components Datasheet Search
  English  ▼

X  

TRF1221 Datasheet(PDF) 5 Page - Texas Instruments

Part # TRF1221
Description  Dual VCO/PLL Synthesizer With IF Up-Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1221 Datasheet(HTML) 5 Page - Texas Instruments

  TRF1221 Datasheet HTML 1Page - Texas Instruments TRF1221 Datasheet HTML 2Page - Texas Instruments TRF1221 Datasheet HTML 3Page - Texas Instruments TRF1221 Datasheet HTML 4Page - Texas Instruments TRF1221 Datasheet HTML 5Page - Texas Instruments TRF1221 Datasheet HTML 6Page - Texas Instruments TRF1221 Datasheet HTML 7Page - Texas Instruments TRF1221 Datasheet HTML 8Page - Texas Instruments TRF1221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
SYNTHESIZER #1 (UHF-BAND PLL) CHARACTERISTICS
SYNTHESIZER #2 (S-BAND PLL) CHARACTERISTICS
TRF1121
TRF1221
SLWS170A – APRIL 2005 – REVISED DECEMBER 2005
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fRef
Reference frequency
See Table 7
18
MHz
fVCO1
Frequency
TRF1121 and TRF1221
250
350
MHz
£FRVCO1 Free running VO1 SSB phase noise at 100 kHz
–115
dBc/Hz
£LD LO1
Locked synthesizer 1 SSB phase noise at 10 kHz
–115
dBc/Hz
£LD LO1
Locked synthesizer 1 SSB phase noise at 100 kHz
–115
dBc/Hz
fLD LO1
Locked synthesizer 1 integrated RMS phase noise
100 Hz to 1 MHz
0.2
deg
MSLO1
Tuning sensitivity
For VLO1TUN > 2 V
30
60
MHz/V
TRF1121, 18-MHz reference input
50
∆f
LO1
Step Size
kHz
TRF1221, 18-MHz reference input
62.5
RRS LO1 Reference spur rejection
–70
dBc
RFS LO1 Fractional spurs rejection
-60
dBc
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fRef
Reference frequency
See Table 7
18
MHz
TRF1121
1500
2100
fLO2A
Output frequency, VCO#2A
MHz
TRF1221
1700
2450
TRF1121
1700
2500
fLO2B
Output frequency, VCO#2B
MHz
TRF1221
2400
3600
TRF1121 For VLO1TUN >2 V
150
350
MSLO2A
Tuning sensitivity, VCO#2A
MHz/V
TRF1221 For VLO1TUN >2 V
200
400
TRF1121 For VLO1TUN >2 V
200
400
MSLO2B
Tuning sensitivity, VCO#2B
MHz/V
TRF1221 For VLO1TUN >2 V
350
550
∆f
LO2
Step size
For 18-MHz ref input
1
MHz
Measured into a 100-
Ω differential load at the
PLO2
Output power level
-3
dBm
LO1OP/N port
Measured into a 100-
Ω differential load at the
£FR VCO2
Free running SSB phase noise at 100 kHz
–100
dBc/Hz
LO1OP/N port
Locked synthesizer SSB phase noise
– 102
–97
Measured into a 100-
Ω differential load at the
at 10 kHz
£LD LO2
LO2OP/N port with loop filter set to 400 kHz
dBc/Hz
Locked synthesizer SSB phase noise at
nominal
–100
–95
100 kHz
φ
LD LO2
Integrated RMS phase noise
Locked, 100 Hz to 1 MHz
0.5
1
Deg
Measured into a 100-
Ω differential load at the
RRS LO2
Reference sideband suppression
LO1OP/N port. PLL loop bandwidth
–65
–60
dBc
~ 400 kHz
At 1 MHz offset (Loop BW ~400 kHz)
–50
–45
RFS LO2
Fractional spur suppression
At 2 MHz offset (Loop BW ~400 kHz)
–65
–60
dBc
All others
–70
–70
Measured into a 100-
Ω differential load at the
RH LO2
Harmonics suppression
–20
dBc
LO1OP/N port
Measured into a 100-
Ω differential load at the
RLLO2
Output return loss
–11
–16
dB
LO1OP/N port
PextVCO
Ext VCO input power
–13
dBm
RLextVCO
Ext VCO port input ret. loss
Differential mode
–10
–15
dB
Zin extVCO Ext VCO port input impedance
Differential mode
100
Ω
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com