Electronic Components Datasheet Search
  English  ▼

X  

TRF1221 Datasheet(PDF) 6 Page - Texas Instruments

Part # TRF1221
Description  Dual VCO/PLL Synthesizer With IF Up-Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1221 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRF1221 Datasheet HTML 2Page - Texas Instruments TRF1221 Datasheet HTML 3Page - Texas Instruments TRF1221 Datasheet HTML 4Page - Texas Instruments TRF1221 Datasheet HTML 5Page - Texas Instruments TRF1221 Datasheet HTML 6Page - Texas Instruments TRF1221 Datasheet HTML 7Page - Texas Instruments TRF1221 Datasheet HTML 8Page - Texas Instruments TRF1221 Datasheet HTML 9Page - Texas Instruments TRF1221 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
INPUT REFERENCE REQUIREMENTS
AC TIMING, SERIAL BUS INTERFACE
DIGITAL INTERFACE CHARACTERISTICS
AUXILIARY AND CONTROL
TRF1121
TRF1221
SLWS170A – APRIL 2005 – REVISED DECEMBER 2005
Conditions: Signal BW = 6 MHz nom, 15 dB maximum loss IF2 SAW filter. See Figure 19
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fRef
Reference frequency
18
MHz
Temperature stability
Customer requirements
PPM
VFR
Ref. source input voltage(1)
HCMOS Output
4
4.5
5
Vpp
DCfref
Reference Input Symmetry
Waveform Duty Cycle
40%
60%
tFR
Reference source pulse rise time
10% to 90% of maximum voltage transition
1
4
nsec
fFR
Reference Phase Noise at 10 k
Ω offset
–153
–150
dBc/Hz
(1)
Note that for source peak-to-peak voltages of less than 4 V and dc-component other than 2.5-V degradation of the close-in phase noise
may occur. For oscillators with no dc-component, a dc-voltage may be applied using a voltage divider (see the schematic) .
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CDI
Clock to data invalid
See Figure 7
10
ns
DVC
Data valid to clock
See Figure 7
10
ns
CPWH
Clock pulse width high
See Figure 7
50
ns
CPWL
Clock pulse width low
See Figure 7
50
ns
CEL
Clock to enable low
See Figure 7
10
ns
ELC
Enable low to clock
See Figure 7
10
ns
EPWH
Enable pulse width
See Figure 7
10
ns
Conditions: Signal BW = 6 MHz nom, 15 dB maximum loss IF2 SAW filter. See Figure 19
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input high voltage
2.1
5
V
VIL
Input low voltage
0
0.8
V
IIH
Input high current
0
50
µA
IIL
Input low current
0
–50
µA
CI
Input capacitance
3
pF
VOH
Output logic 1 voltage
0 to 100-
µA load
2.4
3.6
V
ROH
Output logic 1 impedance
18
k
Ω
VOL
Output low voltage
0 to –100-
µA load
0
0.4
V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V VCOenb
External VCO enable voltage
CMOS compatible Input. See Table 9
V
VLD1
Lock detect voltage (PLL1)
CMOS compatible output (active high). See Table 9
V
VLD2
Lock Detect Voltage (PLL2)
CMOS compatible output (active high). See Table 9
V
IF Output On
High
TXON
IF Amp Enable
IF Output Off
Low
EXTLO2IP
High
On-chip VCO2A selection
Logic level applied to EXTLOIP and EXTLOIN pins to
EXTLO2IN
Low
select either on chip VCO 2A or 2B. Pullup resistor = 200
Ω
EXTLO2IP
Low
and pulldown resistor = 1 k
Ω.
On-chip VCO2B selection
EXTLO2IN
High
EXTLO2IP
Low
Logic Level applied to EXTLOIP and EXTLOIN pins to
On-chip VCO2 selection
select the external VCO2 input
EXTLO2IN
Low
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com