Electronic Components Datasheet Search
  English  ▼

X  

TRF1221 Datasheet(PDF) 8 Page - Texas Instruments

Part # TRF1221
Description  Dual VCO/PLL Synthesizer With IF Up-Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1221 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TRF1221 Datasheet HTML 4Page - Texas Instruments TRF1221 Datasheet HTML 5Page - Texas Instruments TRF1221 Datasheet HTML 6Page - Texas Instruments TRF1221 Datasheet HTML 7Page - Texas Instruments TRF1221 Datasheet HTML 8Page - Texas Instruments TRF1221 Datasheet HTML 9Page - Texas Instruments TRF1221 Datasheet HTML 10Page - Texas Instruments TRF1221 Datasheet HTML 11Page - Texas Instruments TRF1221 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.ti.com
RC1x21 IR
−70
−60
−50
−40
−30
−20
−10
0
5
15
25
35
45
55
65
75
Input Tx IF1 (MHz)
LO2=270 MHz
LO2=299MHz
LO2=320 MHz
Vin=500mVpp diff
Max. Gain, T=25
oC
−50
−40
−30
−20
−10
0
250
260
270
280
290
300
310
320
330
340
350
LO1 Frequency (MHz)
Vin=500mVpp diff
T=25
oC
TRF1121
TRF1221
SLWS170A – APRIL 2005 – REVISED DECEMBER 2005
Figure 2. . Image Rejection vs IF1, Transmit Chain
Figure 3. LO1 Leakage at IF2 Port, Maximum Gain
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com