Electronic Components Datasheet Search
  English  ▼

X  

TRF1221 Datasheet(PDF) 17 Page - Texas Instruments

Part # TRF1221
Description  Dual VCO/PLL Synthesizer With IF Up-Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1221 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TRF1221 Datasheet HTML 13Page - Texas Instruments TRF1221 Datasheet HTML 14Page - Texas Instruments TRF1221 Datasheet HTML 15Page - Texas Instruments TRF1221 Datasheet HTML 16Page - Texas Instruments TRF1221 Datasheet HTML 17Page - Texas Instruments TRF1221 Datasheet HTML 18Page - Texas Instruments TRF1221 Datasheet HTML 19Page - Texas Instruments TRF1221 Datasheet HTML 20Page - Texas Instruments TRF1221 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
www.ti.com
RC1121 cmpPhsNs
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
Frequency Offset (Hz)
TRF1121
TRF1221
SLWS170A – APRIL 2005 – REVISED DECEMBER 2005
Figure 16. TRF1221 Typical Integrated LO2 (S-band) Phase Noise is 0.65 rms (100 Hz to 1 MHz)
Figure 17. TRF1121 Typical Wide-Band Composite PLL Phase Noise Profile
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com