Electronic Components Datasheet Search
  English  ▼

X  

TRF1221 Datasheet(PDF) 16 Page - Texas Instruments

Part # TRF1221
Description  Dual VCO/PLL Synthesizer With IF Up-Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1221 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TRF1221 Datasheet HTML 12Page - Texas Instruments TRF1221 Datasheet HTML 13Page - Texas Instruments TRF1221 Datasheet HTML 14Page - Texas Instruments TRF1221 Datasheet HTML 15Page - Texas Instruments TRF1221 Datasheet HTML 16Page - Texas Instruments TRF1221 Datasheet HTML 17Page - Texas Instruments TRF1221 Datasheet HTML 18Page - Texas Instruments TRF1221 Datasheet HTML 19Page - Texas Instruments TRF1221 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
www.ti.com
Phase Noise
TRF1121
TRF1221
SLWS170A – APRIL 2005 – REVISED DECEMBER 2005
The TRF1121 / TRF1221 achieve superior phase noise performance with on-chip resonators and varactors. It is
designed to meet the phase noise requirements of both single-carrier and multi-carrier systems. Due to the chip
architecture, the phase noise and spurious performance of the LO1 PLL is about 15 dB better than the LO2 PLL.
The typical phase noise of the TRF1121 and TRF1221 S-band PLL (LO2) with the PLL locked is shown in
Figure 15 and Figure 16 respectively. The phase noise plots of the TRF1221 S-band PLL at the min and max
range are shown in Figure 20 and Figure 21 respectively. These plots were taken at room temperature and
typical voltage conditions.
Figure 15. TRF1121 Typical Integrated LO1 (S-band) Phase Noise is 0.35 rms (100 Hz to 1 MHz)
When designing full duplex radios that employ narrow T to R spacing, one must consider impact of wide-band
phase noise since it can degrade Rx sensitivity. (See Application Note TDB). Figure 17 shows typical wide-band
composite phase noise performance of the combination of the two integrated PLLs. At 50-MHz offset typical
performance is –145 dBc/Hz.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com