Electronic Components Datasheet Search
  English  ▼

X  

TRF1221 Datasheet(PDF) 7 Page - Texas Instruments

Part # TRF1221
Description  Dual VCO/PLL Synthesizer With IF Up-Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1221 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF1221 Datasheet HTML 3Page - Texas Instruments TRF1221 Datasheet HTML 4Page - Texas Instruments TRF1221 Datasheet HTML 5Page - Texas Instruments TRF1221 Datasheet HTML 6Page - Texas Instruments TRF1221 Datasheet HTML 7Page - Texas Instruments TRF1221 Datasheet HTML 8Page - Texas Instruments TRF1221 Datasheet HTML 9Page - Texas Instruments TRF1221 Datasheet HTML 10Page - Texas Instruments TRF1221 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
FREQUENCY PLAN
26 / 315
26 / 325
275
285
295
305
315
325
335
345
355
365
375
385
0
10
20
30
40
50
60
70
80
IF1 (MHz)
TRF1121
TRF1221
SLWS170A – APRIL 2005 – REVISED DECEMBER 2005
The TRF1121/TRF1221 allow a variety of frequency plans. Figure 1 illustrates the allowable combinations of first
and second IFs. However, due to the fact that the chip features image reject mixers, significant changes in the
frequency plan can result in degradation of the image rejection as shown in Figure 2. LO leakage vs LO1
frequency is shown in Figure 3.
In order to maintain maximum image rejection and LO suppression, a recommended frequency plan is TxIF1 =
26 MHz, TxIF2 = 325 MHz.
Figure 1. Potential IF Combinations (TRF1121/1221)
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com