Electronic Components Datasheet Search
  English  ▼

X  

TRF1221 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF1221
Description  Dual VCO/PLL Synthesizer With IF Up-Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1221 Datasheet(HTML) 1 Page - Texas Instruments

  TRF1221 Datasheet HTML 1Page - Texas Instruments TRF1221 Datasheet HTML 2Page - Texas Instruments TRF1221 Datasheet HTML 3Page - Texas Instruments TRF1221 Datasheet HTML 4Page - Texas Instruments TRF1221 Datasheet HTML 5Page - Texas Instruments TRF1221 Datasheet HTML 6Page - Texas Instruments TRF1221 Datasheet HTML 7Page - Texas Instruments TRF1221 Datasheet HTML 8Page - Texas Instruments TRF1221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.ti.com
FEATURES
SPECIFICATIONS
DESCRIPTION
LPCC−48 PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
CP2O
LD2
LF2
DATA
CLK
VCCD2
FR
VCCD1
FRBP
EN
LF1
LD1
36
35
34
33
32
31
30
29
28
27
26
25
EXTLO2IP
EXTLO2IN
TXON
IFOP
VCCIF
IFON
GND
GND
GAIN[4]
GAIN[3]
GAIN[2]
GAIN[1]
TRF1121
TRF1221
SLWS170A – APRIL 2005 – REVISED DECEMBER 2005
Dual VCO/PLL Synthesizer With IF Up-Converter
The TRF1121/TRF1221 are designed to function as
part of complete 2.5-GHz and 3.5-GHz radio chipsets,
•
Low Phase Noise
respectively. In the chipset, the transmit chain
•
Image Reject Upconverter
operates as a double up converter from an IF
frequency input (typically from a baseband modem's
•
Dual VCO/PLL For Double Up Conversion
DAC) to an RF output frequency. The TRF1121/
Architecture
TRF1221 performs the first up conversion from IF
•
On-Chip VCO, Resonator and PLL Only
signals in the range of 10 MHz to 60 MHz to a
Requires Off-Chip Loop Filter
second IF frequency in the range of 300 MHz to 360
•
External S-Band VCO Option
MHz. The radio chipset features sufficient linearity,
phase noise, and dynamic range to work in either
•
5-Bit Transmit Level Control, 32 dB in 1 dB
single
carrier
or
multi-carrier,
line-of-sight
or
Steps
non-line-of-sight,
standard
(IEEE
802.16),
or
proprietary systems. Due to the modular nature of the
chipset, it is ideal for use in systems that employ
•
S-Band LO Frequency Range:
transmit or receive diversity.
– TRF1121: 1500 to 2500 MHz
– TRF1221: 1700 to 3600 MHz
•
UHF LO Frequency Range: 250 to 350 MHz
•
Input Frequency Range: 10 MHz to 70 MHz
•
S-Band LO Phase Noise Typical 0.5 rms (100
Hz to 1 MHz)
•
Output Power Range From –32 dBm to 0 dBm
in 1 dB Steps (500-mVpp Diff Input)
•
Minimum UHF LO Step Size of 50 kHz For
TRF1121 and 62.5 kHz for TRF1221
•
Image Rejection: –50 dBc, Typical (20–40 MHz
Tx IF Input)
•
LO Leakage: –36 dBm, Typical
•
3rd Order IMD: < –60 dBc In Max Gain
The TRF1121/TRF1221 are VHF-UHF upconverters
with
integrated
UHF
and
S-band
frequency
synthesizers for radio applications in the 2GHz to 4
GHz range. The IC performs the first up-conversion
and generates the local oscillator (LO) for the second
up-conversion. The device uniquely integrates an
image reject mixer, IF gain blocks, 5-bit gain control,
and two complete phase locked loop (PLL) circuits
including: VCOs, resonator circuit, varactors, dividers,
and phase detectors.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TRF1221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1221 TI-TRF1221 Datasheet
1Mb / 27P
Dual VCO/PLL Synthesizer With IF Up-Converter
More results

Similar Description - TRF1221

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
IF Band PLL Frequency Synthesizer
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
IF Band PLL Frequency Synthesizer
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
Texas Instruments
TRF1112 TI-TRF1112_07 Datasheet
1Mb / 25P
Dual VCO/PLL Synthesizer With IF Down-Conversion
TRF1121 TI-TRF1121_07 Datasheet
1Mb / 27P
Dual VCO/PLL Synthesizer With IF Up-Converter
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
PLL Frequency Synthesizer with Integrated VCO
logo
Asahi Kasei Microsystem...
AK1575 AKM-AK1575 Datasheet
1Mb / 35P
Up Converter Mixer with Fractional-N Frequency Synthesizer and VCO
logo
Semtech Corporation
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
PLL Frequency Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com