Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 30 Page - Analog Devices

Part # LTC4292
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 26Page - Analog Devices LTC4292 Datasheet HTML 27Page - Analog Devices LTC4292 Datasheet HTML 28Page - Analog Devices LTC4292 Datasheet HTML 29Page - Analog Devices LTC4292 Datasheet HTML 30Page - Analog Devices LTC4292 Datasheet HTML 31Page - Analog Devices LTC4292 Datasheet HTML 32Page - Analog Devices LTC4292 Datasheet HTML 33Page - Analog Devices LTC4292 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
LTC4291-1/LTC4292
30
Rev 0
For more information www.analog.com
Autoclass Negotiation Procedure
A PSE may receive an Autoclass request from the PD by
Physical Layer classification or LLDP (by way of the PSE
host). For Physical Layer requests, the Autoclass negotia-
tion procedure listed below is shown in Figure 24.
1. PSE begins issuing the long first class event. The PD
class signature is allowed to settle during this time.
2. The PD responds with a class signature correspond-
ing to its Class. The class signature during this time
period is unrelated to the Autoclass negotiation.
3. The PSE measures the PD class signature during this
time and uses the result for the normal Multi-event
Classification.
4. The PD continues presenting its class signature.
5. The PSE continues the long class event and does not
measure the class signature current at this time.
6. The PD, if requesting Autoclass, transitions to class
signature 0. If the PD is not requesting Autoclass it
continues presenting its class signature.
APPLICATIONS INFORMATION
7. The PSE measures the Autoclass response of the PD.
If class signature 0 is measured, the PD is requesting
Autoclass. When the measurement is complete the
first class event is ended.
8. The PD continues holding the class signature selected
in step 6 until the end of the first class event.
Following the Autoclass negotiation procedure, PSE and
PD continue Physical Layer classification and power up
as normal. Regardless of Autoclass, the PD is required
to operate below the negotiated power allocation corre-
sponding to PD assigned Class.
Autoclass Measurement Procedure
Autoclass measurements may be requested by the PD
through Physical Layer classification or, following power
on, through LLDP. Although the LTC4291-1/LTC4292 is
compatible with LLDP-based Autoclass requests, it can-
not receive LLDP Autoclass requests directly since it does
not have access to the data path.
If the PSE is commanded to perform an Autoclass mea-
surement following a Physical Layer request, the mea-
surement typically begins tAUTO_PSE1 (1.5s typical) after
port inrush is successfully completed. For LLDP-based
Autoclass requests, the measurement begins immediately.
The Autoclass measurement period is tAUTO_PSE2 – tAUTO_
PSE1 (1.8s typical) using a sliding window of tAUTO_WINDOW
(0.2s typical). During the Autoclass measurement period,
the PSE continuously monitors IPORT and VEE, calculat-
ing maximum average power. Following the Autoclass
measurement period, the Autoclass measurements are
reported in the Port Parametric registers.
See the LTC4291 Software Programming documen-
tation for details on enabling Autoclass, the status of
the Autoclass negotiation, reading Autoclass measure-
ment results and dynamically requesting an Autoclass
measurement.
Port Current Readback
The LTC4291-1/LTC4292 measures the current at each
power channel with per-channel A/D converters. The total
port current (sum of both channels) is reported. Port
Figure 24. Autoclass Negotiation, Voltage and Current
3
5
7
1
4
6
8
2
tACS_MAX (87.5ms)
tACS_MIN (75.5ms)
tCLASS_ACS_MIN
tCLASS_PD_MAX (5ms)
tCLASS_MIN
tCLASS_LCE_MAX
tLCE_MIN
tLCE_MAX
VOUTnM
VCLASS
VMARK
IOUTnM
CLASS_SIG_4
CLASS_SIG_0
t
t
42911 F24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com